Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 48 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 48 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 44Page - Analog Devices LTC2984 Datasheet HTML 45Page - Analog Devices LTC2984 Datasheet HTML 46Page - Analog Devices LTC2984 Datasheet HTML 47Page - Analog Devices LTC2984 Datasheet HTML 48Page - Analog Devices LTC2984 Datasheet HTML 49Page - Analog Devices LTC2984 Datasheet HTML 50Page - Analog Devices LTC2984 Datasheet HTML 51Page - Analog Devices LTC2984 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
LTC2984
48
2984fb
For more information www.linear.com/LTC2984
Figure 23. Sense Resistor with Kelvin Connections Channel Assignment Convention
2984 F23
3
4
1
2
CHRSENSE–1
CHRSENSE–2
CHRSENSE
RSENSE
TIES TO RTD TERMINAL 4
EXCITATION
CURRENT
FLOW
= CHRSENSE (3 ≤ RSENSE ≤ 20)
CHANNEL
ASSIGNMENT
Figure 24. Sense Resistor with Kelvin Connections Example
2984 F24
SENSE RESISTOR ASSIGNED TO CH6 (CHSENSE=6)
CH4
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x214 TO 0x217
0.01µF
CH5
CH6
CH15
CH16
CH17
RTD ASSIGNED TO CH16 (CHRTD=16)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x23C TO 0x23F
RESULTS MEMORY LOCATIONS 0x04C TO 0x04F
RSENSE
1k
0.01µF
0.01µF
3
4
2
1
0.01µF
4-WIRE PT-10
0.01µF
0.01µF
3
4
2
1
Example: 4-Wire RTD with Kelvin RSENSE
It is possible to cancel the parasitic lead resistance in
the sense resistors by configuring the 4-wire RTD with a
4-wire (Kelvin connected) sense resistor. This is useful
when using a PT-10 or PT-50 with a small valued RSENSE
or when the sense resistor is remotely located or in ap-
plications requiring extreme precision.
The 4-wire RTD channel assignments follow the general
conventions previously defined (Figures 17 and 19) for
a standard 4-wire RTD. The sense resistor follows the
convention shown in Figure 23.
Figure 24 shows a typical temperature measurement sys-
tem using a 4-wire RTD with a Kelvin connected RSENSE.
In this example, the 4-wire RTD’s terminals tie to CH17,
CH16, CH15, and CH6. The sense resistor ties to CH6, CH5,
and CH4 and excitation current is applied to CH4 and CH17.
The sense resistor’s nominal value is 1kΩ in order to ac-
commodate a 1mA excitation current. The sense resistor
and RTD connect together at CH6. This topology supports
bothrotated,sharedandstandard4-wireRTDtopologies.If
rotated or shared configuration are not used then terminal
1 of the RTD is tied to ground instead of CH17, freeing up
one input channel. Channel assignment data is shown in
Tables 52 and 53.
A conversion is initiated on CH16 by writing 10010000
into memory location 0x000. Once the conver-
sion is complete, the INTERRUPT pin goes HIGH
and memory location 0x000 becomes 01010000
(see Table 6). The resulting temperature in °C can be read
from memory locations 0x04C to 0x04F (corresponding
to CH16).
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com