Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 18Page - Analog Devices LTC2984 Datasheet HTML 19Page - Analog Devices LTC2984 Datasheet HTML 20Page - Analog Devices LTC2984 Datasheet HTML 21Page - Analog Devices LTC2984 Datasheet HTML 22Page - Analog Devices LTC2984 Datasheet HTML 23Page - Analog Devices LTC2984 Datasheet HTML 24Page - Analog Devices LTC2984 Datasheet HTML 25Page - Analog Devices LTC2984 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
LTC2984
22
2984fb
For more information www.linear.com/LTC2984
Table 9A. Example Data Output Words (°C)
START ADDRESS
START ADDRESS + 1
START ADDRESS + 2
START ADDRESS + 3
(END ADDRESS)
D31 D30 D29 D28 D27
D26
D25
D24 D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8D7 D6 D5 D4 D3 D2 D1 D0
Fault Data
SIGN MSB
LSB
Temperature Sensor
Hard
Fault
ADC
Hard
Fault
CJ
Hard
Fault
CJ
Soft
Fault
Sensor
Over
Range
Fault
Sensor
Under
Range
Fault
ADC
Out
of
Range
Fault
Valid
If 1
4096°C
1°C
1/1024°C
8191.999°C
1
0
1
1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
1024°C
1
0
0
0
1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
1°C
1
0
0
0
0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0
1/1024°C
1
0
0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
0°C
1
0
0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
–1/1024°C
1
1
1
1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
–1°C
1
1
1
1
1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0
–273.15°C
1
1
1
1
1 1 0 1 1 1 0 1 1 1 0 1 1 0 1 1 0 0 1 1 1
Table 9B. Example Data Output Words (°F)
START ADDRESS
START ADDRESS + 1
START ADDRESS + 2
START ADDRESS + 3
(END ADDRESS)
D31 D30 D29 D28 D27
D26
D25 D24 D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8D7 D6 D5 D4 D3 D2 D1 D0
Fault Data
SIGN MSB
LSB
Temperature Sensor
Hard
Fault
ADC
Hard
Fault
CJ
Hard
Fault
CJ
Soft
Fault
Sensor
Over
Range
Fault
Sensor
Under
Range
Fault
ADC
Out
of
Range
Fault
Valid
If 1
4096°F
1°F
1/1024°F
8191.999°F
1
0
1
1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
1024°F
1
0
0
0
1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
1°F
1
0
0
0
0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0
1/1024°F
1
0
0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
0°F
1
0
0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
–1/1024°F
1
1
1
1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
–1°F
1
1
1
1
1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0
–459.67°F
1
1
1
1
1 1 0 0 0 1 1 0 1 0 0 0 1 0 1 0 1 0 0 1 0
APPLICATIONS INFORMATION
Table 10. Sensor Fault Reporting
BIT
FAULT
ERROR TYPE
DESCRIPTION
OUTPUT RESULT
D31
Sensor Hard Fault
Hard
Bad Sensor Reading
–999°C or °F
D30
Hard ADC-Out-of-Range
Hard
Bad ADC Reading (Could Be Large External Noise Event)
–999°C or °F
D29
CJ Hard Fault
Hard
Cold Junction Sensor Has a Hard Fault Error
–999°C or °F
D28
CJ Soft Fault
Soft
Cold Junction Sensor Result Is Beyond Normal Range
Suspect Reading
D27
Sensor Over Range
Soft
Sensor Reading Is Above Normal Range
Suspect Reading
D26
Sensor Under Range
Soft
Sensor Reading Is Below Normal Range
Suspect Reading
D25
ADC Out-of-Range
Soft
ADC Absolute Input Voltage Is Beyond ±1.125 • VREF/2
Suspect Reading
D24
Valid
NA
Result Valid (Should Be 1) Discard Results if 0
Suspect Reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com