Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 22Page - Analog Devices LTC2984 Datasheet HTML 23Page - Analog Devices LTC2984 Datasheet HTML 24Page - Analog Devices LTC2984 Datasheet HTML 25Page - Analog Devices LTC2984 Datasheet HTML 26Page - Analog Devices LTC2984 Datasheet HTML 27Page - Analog Devices LTC2984 Datasheet HTML 28Page - Analog Devices LTC2984 Datasheet HTML 29Page - Analog Devices LTC2984 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
LTC2984
26
2984fb
For more information www.linear.com/LTC2984
Table 17. Cold Junction Channel Pointer
(2) COLD JUNCTION CHANNEL POINTER
B26
B25
B24
B23
B22
COLD JUNCTION CHANNEL
0
0
0
0
0
No Cold Junction
Compensation, 0°C Used for
Calculations
0
0
0
0
1
CH1
0
0
0
1
0
CH2
0
0
0
1
1
CH3
0
0
1
0
0
CH4
0
0
1
0
1
CH5
0
0
1
1
0
CH6
0
0
1
1
1
CH7
0
1
0
0
0
CH8
0
1
0
0
1
CH9
0
1
0
1
0
CH10
0
1
0
1
1
CH11
0
1
1
0
0
CH12
0
1
1
0
1
CH13
0
1
1
1
0
CH14
0
1
1
1
1
CH15
1
0
0
0
0
CH16
1
0
0
0
1
CH17
1
0
0
1
0
CH18
1
0
0
1
1
CH19
1
0
1
0
0
CH20
All Other Combinations
Invalid
Table 16. Thermocouple Type
(1) THERMOCOUPLE TYPE
B31 B30 B29
B28
B27
THERMOCOUPLE TYPES
0
0
0
0
1
Type J Thermocouple
0
0
0
1
0
Type K Thermocouple
0
0
0
1
1
Type E Thermocouple
0
0
1
0
0
Type N Thermocouple
0
0
1
0
1
Type R Thermocouple
0
0
1
1
0
Type S Thermocouple
0
0
1
1
1
Type T Thermocouple
0
1
0
0
0
Type B Thermocouple
0
1
0
0
1
Custom Thermocouple
Table 18. Sensor Configuration
(3) SENSOR CONFIGURATION
SGL
OC
CHECK
OC CURRENT
SINGLE-ENDED/
DIFFERENTIAL
OPEN-CIRCUIT
CURRENT
B21
B20
B19
B18
0
0
X
X
Differential
External
0
1
0
0
Differential
10µA
0
1
0
1
Differential
100µA
0
1
1
0
Differential
500µA
0
1
1
1
Differential
1mA
1
0
X
X
Single-Ended
External
1
1
0
0
Single-Ended
10µA
1
1
0
1
Single-Ended
100µA
1
1
1
0
Single-Ended
500µA
1
1
1
1
Single-Ended
1mA
Figure 7. Thermocouple Channel Assignment Convention
SINGLE-ENDED
+
–
+
–
= CHTC (1≤ TC ≤ 20)
COM
CHTC
0.1µF
CHANNEL
ASSIGNMENT
DIFFERENTIAL
2984 F07
= CHTC (2 ≤ TC ≤ 20)
CHTC
CHTC-1
0.1µF
CHANNEL
ASSIGNMENT
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com