Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 62 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 62 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 58Page - Analog Devices LTC2984 Datasheet HTML 59Page - Analog Devices LTC2984 Datasheet HTML 60Page - Analog Devices LTC2984 Datasheet HTML 61Page - Analog Devices LTC2984 Datasheet HTML 62Page - Analog Devices LTC2984 Datasheet HTML 63Page - Analog Devices LTC2984 Datasheet HTML 64Page - Analog Devices LTC2984 Datasheet HTML 65Page - Analog Devices LTC2984 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
LTC2984
62
2984fb
For more information www.linear.com/LTC2984
the bottom 24 are the ADC reading in volts. For direct
ADC readings hard fault errors do not clamp the digital
output. Readings beyond ±1.125 • VREF/2 exceed the
normal accuracy range of the LTC2984 and flag a soft
error; these results should be discarded. Readings
beyond ±1.75 • VREF/2 exceed the usable range of the
Figure 37. Integral Nonlinearity as a Function of
Temperature at VDD = 5.25V
Figure 38. Integral Nonlinearity as a Function of
Temperature at VDD = 3.3V
DIFFERENTIAL INPUT VOLTAGE (V)
2984 F37
20
15
10
5
0
–5
–10
–15
–20
–1.5
–0.5
0
0.5
1
1.5
–1
90°C
25°C
–45°C
DIFFERENTIAL INPUT VOLTAGE (V)
2984 F38
20
15
10
5
0
–5
–10
–15
–20
–1.5
–0.5
0
0.5
1
1.5
–1
90°C
25°C
–45°C
LTC2984; these result in a hard fault and should be
discarded.
Figures 37 to 39 show typical integral nonlinearity varia-
tion at various supply voltages and temperatures for a
differential input voltage (±VREF/2) and VREF/2 common
mode input voltage.
Figure 39. Integral Nonlinearity as a Function of
Temperature at VDD = 2.85V
DIFFERENTIAL INPUT VOLTAGE (V)
2984 F39
20
15
10
5
0
–5
–10
–15
–20
–1.5
–0.5
0
0.5
1
1.5
–1
90°C
25°C
–45°C
SUPPLEMENTAL INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com