Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 68 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 68 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 64Page - Analog Devices LTC2984 Datasheet HTML 65Page - Analog Devices LTC2984 Datasheet HTML 66Page - Analog Devices LTC2984 Datasheet HTML 67Page - Analog Devices LTC2984 Datasheet HTML 68Page - Analog Devices LTC2984 Datasheet HTML 69Page - Analog Devices LTC2984 Datasheet HTML 70Page - Analog Devices LTC2984 Datasheet HTML 71Page - Analog Devices LTC2984 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
LTC2984
68
2984fb
For more information www.linear.com/LTC2984
In addition to digitizing standard RTDs, the LTC2984
can also digitize custom RTDs (RTD type=0b10010, see
Table 30). Custom sensor data (minimum of three, maxi-
mum of 64 pairs) reside sequentially in memory and are
arrangedinblocksofsixbytesofmonotonicallyincreasing
tabular data Ω vs temperature (see Table 76).
Table 76. Custom RTD/Thermistor Tabular Data Format
ADDRESS
BYTE 0 BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5
0x250 + 6* Start Address
Table Entry #1 (Ω)
Table Entry #1 (Kelvin)
0x250 + 6* Start Address + 6
Table Entry #2 (Ω)
Table Entry #2 (Kelvin)
0x250 + 6* Start Address + 12 Table Entry #3 (Ω)
Table Entry #3 (Kelvin)
•
•
•
•
•
•
•
•
•
Max Address = 0x3CA
Table Entry #64 (Ω)
Table Entry #64 (Kelvin)
CUSTOM RTDS
Figure 42. Custom RTD Example (Ω vs Kelvin )
2984 F42
p9
p8
p7
p6
p5
p4
p3
NOTE:
P0 SHOULD BE THE
EXTRAPOLATION
POINT TO 0
RESISTANCE ()
p2
p1
0
0
p0
RESISTANCE < p1
SOFT FAULT
CONDITION
RESISTANCE > p9
SOFT FAULT
CONDITION
Custom RTD Example
Inthisexample,asimplifiedRTDcurveisimplemented(see
Figure 42). Points P1 to P9 represent the normal operating
rangeofthecustomRTD.Resistancereadingsabovepoint
P9 result in a soft fault and the reported temperature is
a linear extrapolation using a slope determined by points
P8 and P9 (the final two table entries). Resistance read-
ings below point P1 are also reported as soft faults. The
temperature reported is the extrapolation between point
P1 and P0, where P0 is the sensor output temperature
at 0Ω (This point should be 0Ω for proper interpolation
below point P1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com