Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 45 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 45 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 41Page - Analog Devices LTC2984 Datasheet HTML 42Page - Analog Devices LTC2984 Datasheet HTML 43Page - Analog Devices LTC2984 Datasheet HTML 44Page - Analog Devices LTC2984 Datasheet HTML 45Page - Analog Devices LTC2984 Datasheet HTML 46Page - Analog Devices LTC2984 Datasheet HTML 47Page - Analog Devices LTC2984 Datasheet HTML 48Page - Analog Devices LTC2984 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
LTC2984
45
2984fb
For more information www.linear.com/LTC2984
APPLICATIONS INFORMATION
Table 47. Channel Assignment Data for Rotating 4-Wire RTD (PT-100, RSENSE on CH6, Rotating 4-Wire, 100µA Excitation Current,
α = 0.003911 Curve)
CONFIGURATION
FIELD
DESCRIPTION # BITS BINARY DATA
MEMORY
ADDRESS 0x23C
MEMORY
ADDRESS 0x23D
MEMORY
ADDRESS 0x23E
MEMORY
ADDRESS 0x23F
(1) RTD TYPE
PT-100
5
01100 0 1 1 0 0
(2) Sense
Resistor Channel
Pointer
CH6
5
00110
0 0 1 1 0
(3) Sensor
Configuration
4-Wire with
Rotation
4
1010
1 0 1 0
(4) Excitation
Current
100µA
4
0101
0 1 0 1
(5) Curve
American,
α = 0.003911
2
01
0 1
(6) Custom RTD
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
Table 48. Channel Assignment Data for Sense Resistor (Value = 10.0102kΩ)
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY DATA
MEMORY
ADDRESS 0x214
MEMORY
ADDRESS 0x215
MEMORY
ADDRESS 0x216
MEMORY
ADDRESS 0x217
(1) Sensor Type Sense Resistor
5
11101 1 1 1 0 1
(2) Sense Resistor
Value
10.0102kΩ
27 000100111000110100011001100
0 0 0 1 0 0 1 1 1 0 0 0 1 1 0 1 0 0 0 1 1 0 0 1 1 0 0
Figure 21. Rotating 4-Wire RTD Example
RSENSE
10.0102k
0.01µF
2984 F21
0.01µF
SENSE RESISTOR ASSIGNED TO CH6 (CHSENSE=6)
RTD ASSIGNED TO CH16 (CHRTD=16)
CH6
CH5
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x214 TO 0x217
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x23C TO 0x23F
RESULT MEMORY LOCATIONS 0x04C TO 0x04F
0.01µF
CH15
CH16
CH17
PT-100
0.01µF
0.01µF
3
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com