Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 5 Page - Analog Devices

  LTC2984 Datasheet HTML 1Page - Analog Devices LTC2984 Datasheet HTML 2Page - Analog Devices LTC2984 Datasheet HTML 3Page - Analog Devices LTC2984 Datasheet HTML 4Page - Analog Devices LTC2984 Datasheet HTML 5Page - Analog Devices LTC2984 Datasheet HTML 6Page - Analog Devices LTC2984 Datasheet HTML 7Page - Analog Devices LTC2984 Datasheet HTML 8Page - Analog Devices LTC2984 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
LTC2984
5
2984fb
For more information www.linear.com/LTC2984
REFERENCE ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VREFOUT (Note 10)
2.49
2.51
V
Output Voltage Temperature Coefficient
I-Grade, H-Grade
l
3
15
ppm/°C
Output Voltage Temperature Coefficient
C-Grade
l
3
20
ppm/°C
Line Regulation
l
10
ppm/V
Load Regulation
IOUT(SOURCE) = 100µA
l
5
mV/mA
IOUT(SINK) = 100µA
l
5
mV/mA
Output Voltage Noise
0.1Hz ≤ f ≤ 10Hz
4
µVP-P
10Hz ≤ f ≤ 1kHz
4.5
µVP-P
Output Short-Circuit Current
Short VREFOUT to GND
40
mA
Short VREFOUT to VDD
30
mA
Turn-On Time
0.1% Setting, CLOAD = 1µF
115
µs
Long Term Drift of Output Voltage (Note 13)
60
ppm/√khr
Hysteresis (Note 14)
∆T = 0°C to 70°C
∆T = –40°C to 85°C
30
70
ppm
ppm
The l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C.
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
External SCK Frequency Range
l
0
2
MHz
External SCK LOW Period
l
250
ns
External SCK HIGH Period
l
250
ns
t1
CS↓ to SDO Valid
l
0
200
ns
t2
CS↑ to SDO Hi-Z
l
0
200
ns
t3
CS↓ to SCK↑
l
100
ns
t4
SCK↓ to SDO Valid
l
225
ns
t5
SDO Hold After SCK↓
l
10
ns
t6
SDI Setup Before SCK↑
l
100
ns
t7
SDI HOLD After SCK↑
l
100
ns
High Level Input Voltage
CS, SDI, SCK, RESET
l
VDD – 0.5
V
Low Level Input Voltage
CS, SDI, SCK, RESET
l
0.5
V
Digital Input Current
CS, SDI, SCK, RESET
l
–10
10
µA
Digital Input Capacitance
CS, SDI, SCK, RESET
10
pF
LOW Level Output Voltage (SDO, INTERRUPT)
IO = –800µA
l
0.4
V
High Level Output Voltage (SDO, INTERRUPT)
IO = 1.6mA
l
VDD – 0.5
V
Hi-Z Output Leakage (SDO)
l
–10
10
µA
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com