Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 21Page - Analog Devices LTC2984 Datasheet HTML 22Page - Analog Devices LTC2984 Datasheet HTML 23Page - Analog Devices LTC2984 Datasheet HTML 24Page - Analog Devices LTC2984 Datasheet HTML 25Page - Analog Devices LTC2984 Datasheet HTML 26Page - Analog Devices LTC2984 Datasheet HTML 27Page - Analog Devices LTC2984 Datasheet HTML 28Page - Analog Devices LTC2984 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
LTC2984
25
2984fb
For more information www.linear.com/LTC2984
THERMOCOUPLE MEASUREMENTS
Channel Assignment – Thermocouples
ForeachthermocoupletiedtotheLTC2984,a32-bitchannel
assignment word is programmed into a memory location
corresponding to the channel the sensor is tied to (see
Table 15). This word includes (1) thermocouple type, (2)
cold junction channel pointer, (3) sensor configuration,
and (4) custom thermocouple data pointer.
(1) Thermocouple Type
The thermocouple type is determined by the first five in-
put bits B31 to B27 as shown in Table 16. Standard NIST
coefficients for types J,K,E,N,R,S,T and B thermocouples
are stored in the device ROM. If custom thermocouples
are used, the custom thermocouple sensor type can be
selected. In this case, user-specific data can be stored in
the on-chip RAM starting at the address defined in the
custom thermocouple data pointer.
(2) Cold Junction Channel Pointer
The cold junction compensation can be a diode, RTD,
or thermistor. The cold junction channel pointer tells
the LTC2984 which channel (1 to 20) the cold junction
sensor is assigned to (see Table 17). When a conversion
is performed on a channel tied to a thermocouple, the
cold junction sensor is simultaneously and automatically
measured. The final output data uses the embedded coef-
ficients stored in ROM to automatically compensate the
cold junction temperature and output the thermocouple
sensor temperature.
(3) Sensor Configuration
The sensor configuration field (see Table 18) is used
to select single-ended (B21=1) or differential (B21=0)
input and allows selection of open circuit current
if internal open-circuit detect is enabled (bit B20).
Single-ended readings are measured relative to the
COM pin and differential are measured between the
selected CHTC and adjacent CHTC-1 (see Figure 7).
If open-circuit detection is enabled, B20=1, then the user
can select the pulsed current value applied during open-
circuit detect using bits B18 and B19 . The user determines
the value of the open circuit current based on the size of
theexternalprotectionresistorandfiltercapacitor(typically
10µA). This network needs to settle within 50ms to 1µV
or less. The duration of the current pulse is approximately
8msandoccurs50msbeforethenormalconversioncycle.
Thermocouple channel assignments follow the general
convention shown in Figure 7. The thermocouple positive
terminal ties to CHTC (where TC is the selected channel
number) for both the single-ended and differential modes
of operation. For single-ended measurements the thermo-
couple negative terminal and the COM pin are grounded.
The thermocouple negative terminal is tied to CHTC-1
for differential measurements. This node can either be
grounded or tied to a bias voltage.
APPLICATIONS INFORMATION
Table 15. Thermocouple Channel Assignment Word
(1) THERMOCOUPLE
TYPE
(2) COLD JUNCTION
CHANNEL POINTER
(3) SENSOR
CONFIGURATION
(4) CUSTOM THERMOCOUPLE
DATA POINTER
TABLES 4, 16
TABLE 17
TABLE 18
TABLES 71 TO 73
Measurement Type 31 30 29 28 27 26 25 24 23 22
21
20
19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Thermocouple
Types 1 to 9
Cold Junction
Channel Assignment
[4:0]
SGL=1
DIFF=0
OC
Check
OC
Current
[1:0]
0 0 0 0 0 0
Custom Address
[5:0]
Custom Length –1
[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com