Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 24Page - Analog Devices LTC2984 Datasheet HTML 25Page - Analog Devices LTC2984 Datasheet HTML 26Page - Analog Devices LTC2984 Datasheet HTML 27Page - Analog Devices LTC2984 Datasheet HTML 28Page - Analog Devices LTC2984 Datasheet HTML 29Page - Analog Devices LTC2984 Datasheet HTML 30Page - Analog Devices LTC2984 Datasheet HTML 31Page - Analog Devices LTC2984 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
LTC2984
28
2984fb
For more information www.linear.com/LTC2984
DIODE MEASUREMENTS
Channel Assignment – Diode
For each diode tied to the LTC2984, a 32-bit channel as-
signment word is programmed into a memory location
corresponding to the channel the sensor is tied to (see
Table 21). This word includes (1) diode sensor selection,
(2) sensor configuration, (3) excitation current, and (4)
diode ideality factor.
1) Sensor Type
The diode is selected by the first five input bits B31 to
B27 (see Table 22).
(2) Sensor Configuration
The sensor configuration field (bits B26 to B24) is used to
define various diode measurement properties. Configura-
tion bit B26 is set high for single-ended (measurement
relative to COM) and low for differential.
Bit B25 sets the measurement algorithm. If B25 is low, two
conversioncycles(oneat
1Iandoneat8Icurrentexcitation)
are used to measure the diode. This is used in applications
where parasitic resistance between the LTC2984 and the
diode is small. Parasitic resistance effects can be removed
by setting bit B25 high, enabling three conversion cycles
(one at
1I, one at 4I and one at 8I).
BitB24enablesarunningaverageofthediodetemperature
reading. This reduces the noise when the diode is used
as a cold junction temperature element on an isothermal
block where temperatures change slowly.
Thealgorithmusedfordiodeaveragingisasimplerecursive
running average. The new value is equal to the average of
the current reading plus the previous value.
NEW VALUE =
CURRENT READING
2
+
PREVIOUS VALUE
2
If the current reading is 2°C above or below the previous
value, the new value is reset to the current reading.
(3) Excitation Current
The next field in the channel assignment word (B23
to B22) controls the magnitude of the excitation cur-
rent applied to the diode (see Table 23). In the two
conversion cycle mode, the device performs the
first conversion at a current equal to 8x the excita-
tion current
1I. The second conversion occurs at 1I.
Alternatively, in the three conversion cycle mode the first
conversion excitation current is
8I, the second is 4I and
the 3rd is
1I.
Table 21. Diode Channel Assignment Word
(1) SENSOR
TYPE
(2) SENSOR
CONFIGURATION
(3) EXCITATION
CURRENT
(4) DIODE IDEALITY FACTOR VALUE
TABLE 22
TABLE 23
TABLE 24
Measurement Class 31 30 29 28 27
26
25
24
23
22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Diode
Type = 28
SGL=1
DIFF=0
2 or 3
Readings
Avg
on
Current [1:0] Non-Ideality Factor (2, 20) Value from 0 to 4 with 1/1048576 Resolution
All Zeros Uses a Factory Set Default of 1.003
Table 22. Diode Sensor Selection
(1) SENSOR TYPE
B31
B30
B29
B28
B27
SENSOR TYPE
1
1
1
0
0
Diode
APPLICATIONS INFORMATION
Table 23. Diode Excitation Current Selection
(3) EXCITATION CURRENT
B23
B22
1I
4I
8I
0
0
10µA
40µA
80µA
0
1
20µA
80µA
160µA
1
0
40µA
160µA
320µA
1
1
80µA
320µA
640µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com