Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 64 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 64 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 60Page - Analog Devices LTC2984 Datasheet HTML 61Page - Analog Devices LTC2984 Datasheet HTML 62Page - Analog Devices LTC2984 Datasheet HTML 63Page - Analog Devices LTC2984 Datasheet HTML 64Page - Analog Devices LTC2984 Datasheet HTML 65Page - Analog Devices LTC2984 Datasheet HTML 66Page - Analog Devices LTC2984 Datasheet HTML 67Page - Analog Devices LTC2984 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
LTC2984
64
2984fb
For more information www.linear.com/LTC2984
RUNNING CONVERSIONS CONSECUTIVELY ON
MULTIPLE CHANNELS
Generally, during the Initiate Conversion state, a conver-
sion measurement is started on a single input chan-
nel determined by the channel number (bits B[4:0] =
00001 to 10100) written into memory location 0x000.
Multipleconsecutiveconversionscanbeinitiatedbywriting
bits B[4:0]=00000 into memory location 0. Conversions
will be initiated on each channel selected in the mask
register (see Table 69).
For example, using the mask data shown in Table 70, after
1000000 is written into memory location 0, conversions
areinitiatedconsecutivelyonCH20,CH19,CH16,andCH1.
Oncetheconversionsbegin,theINTERRUPTpingoesLOW
and remains LOW until all conversions are complete. If
the mask register is set for a channel that has no assign-
ment data, that conversion step is skipped. All the results
are stored in the conversion result memory locations and
can be read at the conclusion of the measurement cycle.
Table 69. Multiple Conversion Mask Register
MEMORY LOCATION
B7
B6
B5
B4
B3
B2
B1
B0
0x0F4
Reserved
0x0F5
CH20
CH19
CH18
CH17
0x0F6
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
0x0F7
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
Table 20. Example Mask Register Select CH20, CH19, CH16, and CH1
MEMORY LOCATION
B7
B6
B5
B4
B3
B2
B1
B0
0x0F4
Reserved
0x0F5
1
1
0
0
0x0F6
1
0
0
0
0
0
0
0
0x0F7
0
0
0
0
0
0
0
1
SUPPLEMENTAL INFORMATION
ENTERING/EXITING SLEEP MODE
The LTC2984 can be placed into sleep mode by writing
0x97 to memory location 0x000. On the rising edge of
CS following the memory write (see Figure 2) the device
enters the low power sleep state. It remains in this state
until CS is brought low or RESET is asserted. Once one
of these two signals is asserted, the LTC2984 begins its
start-up cycle as described in State 1: Start-Up section
of this data sheet.
MUX CONFIGURATION DELAY
The LTC2984 performs 2 or 3 internal conversion cycles
pertemperatureresult.Eachconversioncycleisperformed
with different excitation and input multiplexer configura-
tions. Prior to each conversion, these excitation circuits
and input switch configurations are changed and an
internal 1ms (typical) delay ensures settling prior to the
conversion cycle in most cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com