Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 25Page - Analog Devices LTC2984 Datasheet HTML 26Page - Analog Devices LTC2984 Datasheet HTML 27Page - Analog Devices LTC2984 Datasheet HTML 28Page - Analog Devices LTC2984 Datasheet HTML 29Page - Analog Devices LTC2984 Datasheet HTML 30Page - Analog Devices LTC2984 Datasheet HTML 31Page - Analog Devices LTC2984 Datasheet HTML 32Page - Analog Devices LTC2984 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
LTC2984
29
2984fb
For more information www.linear.com/LTC2984
(4) Diode Ideality Factor
The last field in the channel assignment word (B21 to B0)
sets the diode ideality factor within the range 0 to 4 with
1/1048576(2–20)resolution.Thetoptwobits(B21toB20)
are the integer part and bits B19 to B0 are the fractional
part of the ideality factor (see Table 24).
Diode channel assignments follow the general convention
shown in Figure 8. The anode ties to CHD (where D is
the selected channel number) for both the single-ended
and differential modes of operation, and the cathode is
grounded.Fordifferentialdiodemeasurements,thecathode
is also tied to CHD-1.
APPLICATIONS INFORMATION
Table 24. Programming Diode Ideality Factor
(4) DIODE IDEALITY FACTOR VALUE
B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8
B7
B6
B5
B4
B3
B2
B1 B0
Example h
21
20 2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9 2–10 2–11 2–12 2–13 2–14 2–15 2–16 2–17 2–18 2–19 2–20
1.25
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1.003 (Default)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1.006
0
1
0
0
0
0
0
0
0
1
1
0
0
0
1
0
0
1
0
0
1
1
Table 25. Diode Fault Reporting
BIT
FAULT
ERROR TYPE
DESCRIPTION
OUTPUT RESULT
D31
Sensor Hard Fault
Hard
Open, Short, Reversed, or Hard ADC
–999°C or °F
D30
Hard ADC-Out-of-Range
Hard
Bad ADC Reading (Could Be Large External Noise Event)
–999°C or °F
D29
Not Used for Diodes
N/A
Always 0
D28
Not Used for Diodes
N/A
Always 0
D27
Sensor Over Range
Soft
T > 130°C
Suspect Reading
D26
Sensor Under Range
Soft
T < –60°C
Suspect Reading
D25
ADC Out-of-Range
Soft
ADC Absolute Input Voltage Is Beyond ±1.125 • VREF/2
Suspect Reading
D24
Valid
NA
Result Valid (Should Be 1) Discard Results if 0
Valid Reading
Fault Reporting – Diode
Each sensor type has unique fault reporting mechanism
indicated in the upper byte of the data output word.
Table 25 shows faults reported in the measurement of
diodes.
Bit D31 indicates the diode is open, shorted, not plugged
in, wired backwards, or the ADC reading is bad. Any of
these are hard faults and –999°C or °F is reported. Bit
D30 indicates a bad ADC reading. This can be a result of
either a broken (open) sensor or an excessive noise event
(ESD or static discharge into the sensor path). This is a
hard error and –999°C or °F is reported. In the case of
Figure 8. Diode Channel Assignment Convention
2984 F08
SINGLE-ENDED
= CHD (1 ≤ D ≤ 20)
COM
CHD
CHANNEL
ASSIGNMENT
DIFFERENTIAL
= CHD (2 ≤ D ≤ 20)
CHD
CHD-1
CHANNEL
ASSIGNMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com