Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 45Page - Analog Devices LTC2984 Datasheet HTML 46Page - Analog Devices LTC2984 Datasheet HTML 47Page - Analog Devices LTC2984 Datasheet HTML 48Page - Analog Devices LTC2984 Datasheet HTML 49Page - Analog Devices LTC2984 Datasheet HTML 50Page - Analog Devices LTC2984 Datasheet HTML 51Page - Analog Devices LTC2984 Datasheet HTML 52Page - Analog Devices LTC2984 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
LTC2984
49
2984fb
For more information www.linear.com/LTC2984
Table 52. Channel Assignment Data for 4-Wire RTD with Kelvin Connected RSENSE (PT-10, RSENSE on CH6, 4-Wire, Kelvin RSENSE with
Rotated 1mA Excitation Current, α = 0.003916 Curve)
CONFIGURATION
FIELD
DESCRIPTION
# BITS BINARY DATA
MEMORY
ADDRESS 0x23C
MEMORY
ADDRESS 0x23D
MEMORY
ADDRESS 0x23E
MEMORY
ADDRESS 0x23F
(1) RTD TYPE
PT-10
5
01010 0 1 0 1 0
(2) Sense Resistor
Channel Pointer
CH6
5
00110
0 0 1 1 0
(3) Sensor
Configuration
4-Wire Kelvin RSENSE
and Rotation
4
1110
1 1 1 0
(4) Excitation Current
1mA
4
1000
1 0 0 0
(5) Curve
Japanese,
α = 0.003916
2
10
1 0
(6) Custom RTD
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
Table 53. Channel Assignment Data for Sense Resistor (Value = 1000Ω)
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY DATA
MEMORY
ADDRESS 0x214
MEMORY
ADDRESS 0x215
MEMORY
ADDRESS 0x216
MEMORY
ADDRESS 0x217
(1) Sensor Type Sense Resistor
5
11101 1 1 1 0 1
(2) Sense
Resistor Value
1000Ω
27 000000011111010000000000000
0 0 0 0 0 0 0 1 1 1 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com