Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 71 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 71 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 67Page - Analog Devices LTC2984 Datasheet HTML 68Page - Analog Devices LTC2984 Datasheet HTML 69Page - Analog Devices LTC2984 Datasheet HTML 70Page - Analog Devices LTC2984 Datasheet HTML 71Page - Analog Devices LTC2984 Datasheet HTML 72Page - Analog Devices LTC2984 Datasheet HTML 73Page - Analog Devices LTC2984 Datasheet HTML 74Page - Analog Devices LTC2984 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
LTC2984
71
2984fb
For more information www.linear.com/LTC2984
CUSTOM THERMISTORS
Figure 43. Custom NTC Thermistor Example (Ω vs Kelvin)
Figure 44. Custom PTC Thermistor Example (Ω vs Kelvin)
2984 F43
p9
p8
p7
p6
p5
p4
p3
NOTE:
P0 SHOULD BE THE
EXTRAPOLATION
POINT TO 0
RESISTANCE ()
p2
p1
0
0
p0
RESISTANCE < p1
SENSOR UNDER-RANGE
SOFT FAULT CONDITION
RESISTANCE > p9
SENSOR OVER-RANGE
SOFT FAULT CONDITION
2984 F44
p9
p8
p7
p6
p5
p4
p3
NOTE:
P0 SHOULD BE THE
EXTRAPOLATION
POINT TO 0
RESISTANCE ()
p2
p1
0
0
p0
RESISTANCE < p1
SENSOR UNDER-RANGE
SOFT FAULT CONDITION
RESISTANCE > p9
SENSOR OVER-RANGE
SOFT FAULT CONDITION
In addition to digitizing standard thermistors, the
LTC2984 can also digitize custom thermistors (thermistor
type=0b11011, see Table 55). Custom sensor data (mini-
mum of three, maximum of 64 pairs) reside sequentially
in memory and are arranged in blocks of six bytes of
monotonically increasing tabular data Ω vs temperature
(see Table 76).
Custom Thermistor Table Example
Inthisexample,asimplifiedthermistorNTC(negativetem-
peraturecoefficient)curveisimplemented(seeFigure43).
Points P1 to P9 represent the normal operating range of
the custom thermistor. Resistance readings above point
P9 result in a soft fault and the reported temperature is
a linear extrapolation using a slope determined by points
P8 and P9 (the final two table entries). Resistance read-
ings below point P1 are also reported as soft faults. The
temperature reported is the extrapolation between point
P1 and P0, where P0 is the sensor output temperature
at 0Ω (This point must be 0Ω for proper interpolation
below point P1).
In addition to NTC type thermistors, it is also possible to
implement PTC (positive temperature coefficient) type
thermistors (see Figure 44). In both cases, table entries
start at the minimum resistance and end at the maximum
resistance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com