Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 6Page - Analog Devices LTC2984 Datasheet HTML 7Page - Analog Devices LTC2984 Datasheet HTML 8Page - Analog Devices LTC2984 Datasheet HTML 9Page - Analog Devices LTC2984 Datasheet HTML 10Page - Analog Devices LTC2984 Datasheet HTML 11Page - Analog Devices LTC2984 Datasheet HTML 12Page - Analog Devices LTC2984 Datasheet HTML 13Page - Analog Devices LTC2984 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
LTC2984
10
2984fb
For more information www.linear.com/LTC2984
PIN FUNCTIONS
GND (Pins 1, 3, 5, 7, 9, 12, 15, 44): Ground. Connect
each of these pins to a common ground plane through a
lowimpedanceconnection.Alleightpinsmustbegrounded
for proper operation.
VDD (Pins 2, 4, 6, 8, 45): Analog Power Supply. Tie all
five pins together and bypass as close as possible to the
device, to ground with a 0.1µF capacitor.
VREF_BYP( Pin 11): Internal Reference Power. This is an
internal supply pin, do not load this pin with external
circuitry. Decouple with a 0.1µF capacitor to GND.
VREFOUT (Pin 13): Reference Output Voltage. Short to
VREFP. A minimum 1µF capacitor to ground is required.
Do not load this pin with external circuitry.
VREFP (Pin 14): Positive Reference Input. Tie to VREFOUT.
CH1 to CH20 (Pin 16 to Pin 35): Analog Inputs. May be
programmed for single-ended, differential, or ratiometric
operation. The voltage on these pins can have any value
between GND – 50mV and VDD – 0.3V. Unused pins can
be grounded or left floating.
COM (Pin 36): Analog Input. The common negative input
for all single-ended configurations. The voltage on this
pin can have any value between GND – 50mV and VDD –
0.3V. This pin is typically tied to ground for temperature
measurements.
INTERRUPT (Pin 37): This pin outputs a LOW when the
device is busy either during start-up or while a conversion
cycle is in progress. This pin goes HIGH at the conclusion
of the start-up state or conversion cycle.
SCK (Pin 38): Serial Clock Pin. Data is shifted out of the
device on the falling edge of SCK and latched by the device
on the rising edge.
SDO(Pin39):SerialDataOut.Duringthedataoutputstate,
this pin is used as the serial data output. When the chip
selectpinisHIGH,theSDOpinisinahighimpedancestate.
SDI(Pin40):SerialDataInput.Usedtoprogramthedevice.
Data is latched on the rising edge of SCK.
CS (Pin 41): Active Low Chip Select. A low on this pin
enables the digital input/output. A HIGH on this pin
places SDO in a high impedance state. A falling edge on
CS marks the beginning of a SPI transaction and a rising
edge marks the end.
RESET (Pin 42): Active Low Reset. While this pin is LOW,
the device is forced into the reset state. Once this pin is
returned HIGH, the device initiates its start-up sequence.
LDO (Pin 43): 2.5V LDO Output. Bypass with a 10µF
capacitor to GND. This is an internal supply pin, do not
load this pin with external circuitry.
Q3, Q2, Q1 (Pins 46, 47, 48): External Bypass Pins for
–200mV integrated Charge Pump. Tie a 10µF X7R capaci-
tor between Q1 and Q2 close to each pin. Tie a 10µF X5R
capacitor from Q3 to Ground. These are internal supply
pins, do not make additional connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com