Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 55 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 55 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 51Page - Analog Devices LTC2984 Datasheet HTML 52Page - Analog Devices LTC2984 Datasheet HTML 53Page - Analog Devices LTC2984 Datasheet HTML 54Page - Analog Devices LTC2984 Datasheet HTML 55Page - Analog Devices LTC2984 Datasheet HTML 56Page - Analog Devices LTC2984 Datasheet HTML 57Page - Analog Devices LTC2984 Datasheet HTML 58Page - Analog Devices LTC2984 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
LTC2984
55
2984fb
For more information www.linear.com/LTC2984
Example: Differential Thermistor
The differential thermistor configuration allows separate
ground sensing for each sensor. In this standard differ-
ential configuration, one sense resistor is used for each
thermistor. Differential thermistors follow the convention
shown in Figure 28. Terminal 1 ties to CHTHERM and is
shorted to ground and terminal 2 ties CHTHERM-1 to and
thesenseresistor.Channelassignmentdata(seeTable54)
ismappedtomemorylocationscorrespondingtoCHTHERM.
APPLICATIONS INFORMATION
Sense resistor channel assignments follow the general
convention shown in Figure 29. The sense resistor is tied
betweenCHRSENSEandCHRSENSE-1,whereCHRSENSEistied
to the 2nd terminal of the thermistor. Channel assignment
data (see Table 37) is mapped into a memory location cor-
responding to CHRSENSE.
Figure 28. Differential Thermistor Channel Assignment
Convention
2984 F28
2
1
CHTHERM
CHTHERM–1
EXCITATION
CURRENT
FLOW
= CHTHERM (2 ≤ THERM ≤ 20)
2ND TERMINAL TIES TO SENSE RESISTOR
1ST TERMINAL TIES TO GND
CHANNEL
ASSIGNMENT
Figure 30 shows a typical temperature measurement
system using a differential thermistor. In this example a
30kΩ (44032 type) thermistor is tied to a 9.99kΩ sense
resistor.ThethermistorisassignedchannelCH13(memory
locations 0x230 to 0x233) and the sense resistor to CH11
(memory locations 0x228 to 0x22B). Channel assignment
data is shown in Tables 62 and 63).
A conversion is initiated on CH13bywriting10001101into
memory location 0x000. Once the conversion is complete,
the INTERRUPT pin goes HIGH and memory location
0x000 becomes 01001101. The resulting temperature in
°C can be read from memory locations 0x040 to 0x043
(Corresponding to CH13).
Figure 29. Sense Resistor Channel Assignment Convention
2984 F29
CHRSENSE-1
CHRSENSE
RSENSE
EXCITATION
CURRENT
FLOW
= CHRSENSE (2 ≤ RSENSE ≤ 20)
CHANNEL
ASSIGNMENT
Figure 30. Differential Thermistor Example
2984 F30
SENSE RESISTOR ASSIGNED TO CH11 (CHSENSE=11)
CH10
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x228 TO 0x22B
CH11
CH12
CH13
THERMISTOR ASSIGNED TO CH5 (CHTHERM=13)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x230 TO 0x233
RESULT MEMORY LOCATIONS 0x040 TO 0x043
RSENSE
9.99k
100pF
100pF
TYPE 44032
100pF
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com