Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 19Page - Analog Devices LTC2984 Datasheet HTML 20Page - Analog Devices LTC2984 Datasheet HTML 21Page - Analog Devices LTC2984 Datasheet HTML 22Page - Analog Devices LTC2984 Datasheet HTML 23Page - Analog Devices LTC2984 Datasheet HTML 24Page - Analog Devices LTC2984 Datasheet HTML 25Page - Analog Devices LTC2984 Datasheet HTML 26Page - Analog Devices LTC2984 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
LTC2984
23
2984fb
For more information www.linear.com/LTC2984
EEPROM OVERVIEW
The LTC2984 contains 512 bytes of EEPROM, which
shadowstheuppersensorconfigurationsegmentofUSER
RAM(locations0x200–0x3CF,seeFigure4).Priortoinitial
usage, the user programs the USER RAM with all channel
assignment and custom sensor data. Once the USER RAM
has been programmed, the user can save this segment of
memory into the EEPROM. After subsequent power down
orsleepcycles,theusercanreloadtheUSERRAMwiththis
stored EEPROM data bypassing the channel assignment
and customer sensor programming normally required.
APPLICATIONS INFORMATION
APPLICATIONS INFORMATION
Figure 4. Shadow EEPROM Memory Map
BYTE
ADDRESS
0000
01FF
0200
03CF
03DO
03FF
LTC2984 SPI
ADDRESS SPACE
USER COMMAND
REGISTERS,
RESULTS DATA,
GLOBAL CONFIGURATION
AND STATUS
SENSOR CONFIGURATION
MEMORY SEGMENT
(CHANNEL ASSIGNMENT
AND
CUSTOM SENSOR DATA)
COMMAND 21
(0x15)
COMMAND 22
(0x16)
EEPROM
SHADOW
RESERVED
RESERVED*
*NOTE: 03D0–03FF IS RESERVED
AND IS NOT SHADOWED BY EEPROM
2984 F04
Figure 5.
2984 F05
WRITE EEPROM KEY
TO LTC2984
CHECK EEPROM
STATUS REGISTER
DONE
USER DEFINED
EEPROM
ERROR HANDLER
SEND EEPROM WRITE COMMAND
(COMMAND 21)
WAIT FOR EEPROM
COMMAND TO COMPLETE
LTC2984
READY
WRITE CHANNEL ASSIGNMENT
AND CUSTOM SENSOR DATA
TO LTC2984
ELSE
PROGRAM FAILED
STATUS BIT SET
EEPROM WRITE OPERATION
The EEPROM write operation requires 5 steps (see Figure 5).
1. Sensor-Configuration.Writealldesiredchannelassignment
and custom sensor data to the LTC2984 USER RAM.
2. SetEEPROMKey.WritetheEEPROMKey(0xA53C0F5A)
to the key register space of the LTC2984 USER RAM
(Address range 0x0B0–0x0B3, see Tables 5, 7 and 11).
Note the key is written MSB first.
3. SendEEPROMWriteCommand.WritetheEEPROMwrite
command (0x15) and start bit (0x80) to the LTC2984
command register (Address 0x000). The command plus
start bit is 0x80 + 0x15 = 0x95 (see Table 12).
4. Wait for EEPROM Command to Complete. Completion
of the write operation is indicated by both the interrupt
pin going HIGH and the status register START bit going
LOW and DONE bit going HIGH.
5. Check EEPROM Status Register. Read EEPROM Status
register (Address 0x0F9) and checks the Program-Failed
status bit (Bit 2) to determine whether the EEPROM write
operationwassuccessful(seeTable13).TheProgram-Failed
status bit being set indicates that the write operation failed.
Upon successful completion of steps 1–5, the EEPROM
will now contain the image that was present in USER RAM
locations 0x200–0x3CF.
EEPROM READ/WRITE VALIDATION
Access to the EEPROM is key-protected to prevent inad-
vertent access. The EEPROM also has two levels of data
integrity protection. The first level is implemented using
an error correcting code (ECC) on each 32-bit word of
data in the EEPROM. The ECC is capable of correcting
any single bit error per word and detecting 2-bit errors
per word. The second level of protection is implemented
usinga 32-bitchecksum,whichcoverstheentirecontents
of user EEPROM. Status bits are available to the user for
reporting ECC status and checksum error conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com