Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 52 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 52 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 48Page - Analog Devices LTC2984 Datasheet HTML 49Page - Analog Devices LTC2984 Datasheet HTML 50Page - Analog Devices LTC2984 Datasheet HTML 51Page - Analog Devices LTC2984 Datasheet HTML 52Page - Analog Devices LTC2984 Datasheet HTML 53Page - Analog Devices LTC2984 Datasheet HTML 54Page - Analog Devices LTC2984 Datasheet HTML 55Page - Analog Devices LTC2984 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
LTC2984
52
2984fb
For more information www.linear.com/LTC2984
Fault Reporting – Thermistor
Each sensor type has unique fault reporting mechanism
indicated in the upper byte of the data output word.
Table 58 shows faults reported during the measurement
of thermistors.
BitD31indicatesthethermistororRSENSEisopen,shorted,
or not plugged in. This is a hard fault and –999°C is re-
ported. Bit D30 indicates a bad ADC reading. This could be
a result of either a broken (open) sensor or an excessive
noise event (ESD or static discharge into the sensor path).
Table 58. Thermistor Fault Reporting
BIT
FAULT
ERROR TYPE
DESCRIPTION
OUTPUT RESULT
D31
Sensor Hard Fault
Hard
Open or Short Thermistor or RSENSE
–999°C
D30
Hard ADC-Out-of-Range
Hard
Bad ADC Reading (Could Be Large External Noise Event)
–999°C
D29
Not Used for Thermistors
N/A
Always 0
Valid Reading
D28
Not Used for Thermistors
N/A
Always 0
Valid Reading
D27
Sensor Over Range*
Soft
T > High Temp Limit
Suspect Reading
D26
Sensor Under Range*
Soft
T < Low Temp Limit
Suspect Reading
D25
ADC Out-of-Range
Soft
ADC Absolute Input Voltage Is Beyond ±1.125 • VREF/2
Suspect Reading
D24
Valid
N/A
Result Valid (Should Be 1) Discard Results if 0
Valid Reading
*Do not apply to custom Steinhart-Hart sensor type. Custom table thermistor over/under range is determined by the resistor table values, see custom
thermistor table example for details.
APPLICATIONS INFORMATION
This is a hard error and –999°C is output. In the case of
an excessive noise event, the device should recover and
the following conversions will be valid if the noise event
was a random infrequent event. Bits D29 and D28 are not
used for thermistors. Bits D27 and D26 indicate the read-
ing is over or under temperature limits (see Table 59). The
calculated temperature is reported, but the accuracy may
be compromised. Bit D25 indicates the absolute voltage
measuredbytheADCisbeyonditsnormaloperatingrange.
If a thermistor is used as the cold junction element, any
hard or soft error is flagged in the thermocouple result.
Table 59. Thermistor Temperature/Resistance Range
THERMISTOR TYPE
MIN (Ω)
MAX (Ω)
LOW Temp Limit (°C)
HIGH Temp Limit (°C)
Thermistor 44004/44033 2.252kΩ at 25°C
41.9
75.79k
–40
150
Thermistor 44005/44030 3kΩ at 25°C
55.6
101.0k
–40
150
Thermistor 44007/44034 5kΩ at 25°C
92.7
168.3k
–40
150
Thermistor 44006/44031 10kΩ at 25°C
237.0
239.8k
–40
150
Thermistor 44008/44032 30kΩ at 25°C
550.2
884.6k
–40
150
Thermistor YSI 400 2.252kΩ at 25°C
6.4
1.66M
–80
250
Spectrum 1003K 1kΩ at 25°C
51.1
39.51k
–50
125
Thermistor Custom Steinhart-Hart
N/A
N/A
N/A
N/A
Thermistor Custom Table
Second Table Entry
Last Table Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com