Electronic Components Datasheet Search
  English  ▼

X  

LTC2984 Datasheet(PDF) 43 Page - Analog Devices

Part # LTC2984
Description  Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2984 Datasheet(HTML) 43 Page - Analog Devices

Back Button LTC2984 Datasheet HTML 39Page - Analog Devices LTC2984 Datasheet HTML 40Page - Analog Devices LTC2984 Datasheet HTML 41Page - Analog Devices LTC2984 Datasheet HTML 42Page - Analog Devices LTC2984 Datasheet HTML 43Page - Analog Devices LTC2984 Datasheet HTML 44Page - Analog Devices LTC2984 Datasheet HTML 45Page - Analog Devices LTC2984 Datasheet HTML 46Page - Analog Devices LTC2984 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
LTC2984
43
2984fb
For more information www.linear.com/LTC2984
APPLICATIONS INFORMATION
Table 45. Channel Assignment Data for 4-Wire RTD (PT-1000, RSENSE on CH11, Standard 4-Wire, 25µA Excitation Current,
α = 0.00385 Curve)
CONFIGURATION
FIELD
DESCRIPTION # BITS BINARY DATA
MEMORY
ADDRESS 0x230
MEMORY
ADDRESS 0x231
MEMORY
ADDRESS 0x232
MEMORY
ADDRESS 0x233
(1) RTD TYPE
PT-1000
5
01111 0 1 1 1 1
(2) Sense
Resistor Channel
Pointer
CH11
5
01011
0 1 0 1 1
(3) Sensor
Configuration
4-Wire,
No Rotate,
No Share
4
1000
1 0 0 0
(4) Excitation
Current
25µA
4
0011
0 0 1 1
(5) Curve
European,
α = 0.00385
2
00
0 0
(6) Custom RTD
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
Table 46. Channel Assignment Data for Sense Resistor (Value = 5000.2Ω)
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY DATA
MEMORY
ADDRESS 0x228
MEMORY
ADDRESS 0x229
MEMORY
ADDRESS 0x22A
MEMORY
ADDRESS 0x22B
(1) Sensor Type Sense Resistor
5
11101 1 1 1 0 1
(2) Sense
Resistor Value
5000.2Ω
27
000010011100010000011001100
0 0 0 0 1 0 0 1 1 1 0 0 0 1 0 0 0 0 0 1 1 0 0 1 1 0 0
Figure 18. Standard 4-Wire RTD Example
RSENSE
5000.2
0.01µF
2984 F18
0.01µF
SENSE RESISTOR ASSIGNED TO CH11 (CHSENSE=11)
RTD ASSIGNED TO CH13 (CHRTD=13)
CH11
CH10
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x228 TO 0x22B
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x230 TO 0x233
RESULT MEMORY LOCATIONS 0x040 TO 0x043
0.01µF
0.01µF
CH12
CH13
4-WIRE PT-1000
3
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com