| Electronic Components Datasheet Search |
|
LTC2984 Datasheet(PDF) 66 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC2984 Datasheet(HTML) 66 Page - Analog Devices |
|
66 / 78 page ![]() LTC2984 66 2984fb For more information www.linear.com/LTC2984 the reported temperature is a linear extrapolation using a slope determined by points P8 and P9 (the final two table entries in Table 72). Voltage readings below point P1 are also reported as soft faults. The temperature reported is the extrapolation between point P1 and P0, where P0 is typically the sensor output voltage at 0 Kelvin. If P0 is above 0 Kelvin, then all sensor output voltages below P0 (in mV) will report 0 Kelvin. CUSTOM THERMOCOUPLES Table 72. Thermocouple Example mV vs Kelvin (K) Data Memory Map POINT SENSOR OUTPUT VOLTAGE (mV) TEMPERATURE KELVIN START ADDRESS STOP ADDRESS BYTE 0 BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5 P0 –50.22 0 0x250 0x255 P1 –30.2 99.1 0x256 0x25B P2 –5.3 135.4 0x25C 0x261 P3 0 273.15 0x262 0x267 P4 40.2 361.2 0x268 0x26D mV Data Temperature Data P5 55.3 522.1 0x26E 0x273 (see Table 73) (see Table 74) P6 88.3 720.3 0x274 0x279 P7 132.2 811.2 0x27A 0x27F P8 188.7 922.5 0x280 0x285 P9 460.4 1000 0x286 0x28B Table 73. Example Thermocouple Output Voltage Values (mV) BYTE 0 BYTE 1 BYTE 2 B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 mV Sign 28 27 26 25 24 23 22 21 20 2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9 2–10 2–11 2–12 2–13 2–14 –50.22 1 1 1 1 0 0 1 1 0 1 1 1 0 0 0 1 1 1 1 0 1 1 0 0 –30.2 1 1 1 1 1 0 0 0 0 1 1 1 0 0 1 1 0 0 1 1 0 1 0 0 –5.3 1 1 1 1 1 1 1 0 1 0 1 0 1 1 0 0 1 1 0 0 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 40.2 0 0 0 0 1 0 1 0 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 55.3 0 0 0 0 1 1 0 1 1 1 0 1 0 0 1 1 0 0 1 1 0 0 1 1 88.3 0 0 0 1 0 1 1 0 0 0 0 1 0 0 1 1 0 0 1 1 0 0 1 1 132.2 0 0 1 0 0 0 0 1 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 188.7 0 0 1 0 1 1 1 1 0 0 1 0 1 1 0 0 1 1 0 0 1 1 0 0 460.4 0 1 1 1 0 0 1 1 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 In order to program the LTC2984 with the custom ther- mocouple table, both the mV data and the Kelvin data are convertedto24-bitbinaryvalues(representedastwo3-byte tableentries).Sincemostthermocouplesgeneratenegative output voltages, the mV values input to the LTC2984 are 2’s compliment. The sensor output voltage (units=mV), follows the convention shown in Table 73, where the first bit is the sign, the next nine are the integer part and the remaining 14 bits are the fractional part. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |