Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 141 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 141 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 137Page - Infineon Technologies AG XC2000 Datasheet HTML 138Page - Infineon Technologies AG XC2000 Datasheet HTML 139Page - Infineon Technologies AG XC2000 Datasheet HTML 140Page - Infineon Technologies AG XC2000 Datasheet HTML 141Page - Infineon Technologies AG XC2000 Datasheet HTML 142Page - Infineon Technologies AG XC2000 Datasheet HTML 143Page - Infineon Technologies AG XC2000 Datasheet HTML 144Page - Infineon Technologies AG XC2000 Datasheet HTML 145Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-79
V1.0, 2007-06
MemoryX2K, V1.1
PEENU2
5rw
Parity Error Trap Enable for USIC2 Memory
0
No Parity trap is requested for USIC2 memory
parity errors
1
A Parity trap is requested for USIC2 memory
parity errors
PEENMC
6rw
Parity Error Trap Enable for MultiCAN Memory
0
No Parity trap is requested for MultiCAN
memory parity errors
1
A Parity trap is requested for MultiCAN
memory parity errors
PEENSB
7rw
Parity Error Trap Enable for Standby Memory
0
No Parity trap is requested for Standby
memory parity errors
1
A Parity trap is requested for Standby memory
parity errors
PEFDP
8rwh
Parity Error Flag for Dual Port Memory
0
No Parity errors have been detected for dual
port memory
1
A Parity error is indicated and can trigger a trap
request trigger, if enabled for dual port memory
The bit is only set by the enabled parity error from the
dual port memory. This bit can only be cleared via
SW.
Writing a zero to this bit does not change the content.
Writing a one to this bit does clear the bit.
PEFDS
9rwh
Parity Error Flag for Data SRAM
0
No Parity errors have been detected for data
SRAM
1
A Parity error is indicated and can trigger a trap
request trigger, if enabled for data SRAM
The bit is only set by the enabled parity error from the
data SRAM. This bit can only be cleared via SW.
Writing a zero to this bit does not change the content.
Writing a one to this bit does clear the bit.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com