Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 145 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 145 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 141Page - Infineon Technologies AG XC2000 Datasheet HTML 142Page - Infineon Technologies AG XC2000 Datasheet HTML 143Page - Infineon Technologies AG XC2000 Datasheet HTML 144Page - Infineon Technologies AG XC2000 Datasheet HTML 145Page - Infineon Technologies AG XC2000 Datasheet HTML 146Page - Infineon Technologies AG XC2000 Datasheet HTML 147Page - Infineon Technologies AG XC2000 Datasheet HTML 148Page - Infineon Technologies AG XC2000 Datasheet HTML 149Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-1
V1.0, 2007-06
CPUSV2_X, V2.2
4
Central Processing Unit (CPU)
Basic tasks of the Central Processing Unit (CPU) are to fetch and decode instructions,
to supply operands for the Arithmetic and Logic unit (ALU) and the Multiply and
Accumulate unit (MAC), to perform operations on these operands in the ALU and MAC,
and to store the previously calculated results. As the CPU is the main engine of the
XC2000 microcontroller, it is also affected by certain actions of the peripheral
subsystem.
Because a five-stage processing pipeline (plus 2-stage fetch pipeline) is implemented in
the XC2000, up to five instructions can be processed in parallel. Most instructions of the
XC2000 are executed in one single clock cycle due to this parallelism.
This chapter describes how the pipeline works for sequential and branch instructions in
general, and the hardware provisions which have been made to speed up execution of
jump instructions in particular. General instruction timing is described, including standard
timing, as well as exceptions.
While internal memory accesses are normally performed by the CPU itself, external
peripheral or memory accesses are performed by a particular on-chip External Bus
Controller (EBC) which is invoked automatically by the CPU whenever a code or data
address refers to the external address space.
Whenever possible, the CPU continues operating while an external memory access is in
progress. If external data are required but are not yet available, or if a new external
memory access is requested by the CPU before a previous access has been completed,
the CPU will be held by the EBC until the request can be satisfied. The EBC is described
in a separate chapter.
The on-chip peripheral units of the XC2000 work nearly independently of the CPU with
a separate clock generator. Data and control information are interchanged between the
CPU and these peripherals via Special Function Registers (SFRs).
Whenever peripherals need a non-deterministic CPU action, an on-chip Interrupt
Controller compares all pending peripheral service requests against each other and
prioritizes one of them. If the priority of the current CPU operation is lower than the
priority of the selected peripheral request, an interrupt will occur.
There are two basic types of interrupt processing:
•
Standard interrupt processing forces the CPU to save the current program status
and return address on the stack before branching to the interrupt vector jump table.
•
PEC interrupt processing steals only one machine cycle from the current CPU
activity to perform a single data transfer via the on-chip Peripheral Event Controller
(PEC).
System errors detected during program execution (hardware traps) and external non-
maskable interrupts are also processed as standard interrupts with a very high priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com