Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 142 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 142 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 138Page - Infineon Technologies AG XC2000 Datasheet HTML 139Page - Infineon Technologies AG XC2000 Datasheet HTML 140Page - Infineon Technologies AG XC2000 Datasheet HTML 141Page - Infineon Technologies AG XC2000 Datasheet HTML 142Page - Infineon Technologies AG XC2000 Datasheet HTML 143Page - Infineon Technologies AG XC2000 Datasheet HTML 144Page - Infineon Technologies AG XC2000 Datasheet HTML 145Page - Infineon Technologies AG XC2000 Datasheet HTML 146Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-80
V1.0, 2007-06
MemoryX2K, V1.1
PEFPS
10
rwh
Parity Error Flag for Program SRAM
0
No Parity errors have been detected for
program SRAM
1
A Parity error is indicated and can trigger a trap
request trigger, if enabled for program SRAM
The bit is only set by the enabled parity error from the
program SRAM. This bit can only be cleared via SW.
Writing a zero to this bit does not change the content.
Writing a one to this bit does clear the bit.
PEFU0
11
rwh
Parity Error Flag for USIC0 Memory
0
No Parity errors have been detected for USIC0
memory
1
A Parity error is indicated and can trigger a trap
request trigger, if enabled for USIC0 memory
The bit is only set by the enabled parity error from the
USIC0 memory. This bit can only be cleared via SW.
Writing a zero to this bit does not change the content.
Writing a one to this bit does clear the bit.
PEFU1
12
rwh
Parity Error Flag for USIC1 Memory
0
No Parity errors have been detected for USIC1
memory
1
A Parity error is indicated and can trigger a trap
request trigger, if enabled for USIC1 memory
The bit is only set by the enabled parity error from the
USIC1 memory. This bit can only be cleared via SW.
Writing a zero to this bit does not change the content.
Writing a one to this bit does clear the bit.
PEFU2
13
rwh
Parity Error Flag for USIC2 Memory
0
No Parity errors have been detected for USIC2
memory
1
A Parity error is indicated and can trigger a trap
request trigger, if enabled for USIC2 memory
The bit is only set by the enabled parity error from the
USIC2 memory. This bit can only be cleared via SW.
Writing a zero to this bit does not change the content.
Writing a one to this bit does clear the bit.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com