Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 167 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 167 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 163Page - Infineon Technologies AG XC2000 Datasheet HTML 164Page - Infineon Technologies AG XC2000 Datasheet HTML 165Page - Infineon Technologies AG XC2000 Datasheet HTML 166Page - Infineon Technologies AG XC2000 Datasheet HTML 167Page - Infineon Technologies AG XC2000 Datasheet HTML 168Page - Infineon Technologies AG XC2000 Datasheet HTML 169Page - Infineon Technologies AG XC2000 Datasheet HTML 170Page - Infineon Technologies AG XC2000 Datasheet HTML 171Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-23
V1.0, 2007-06
CPUSV2_X, V2.2
CSFRs Affecting the Whole CPU
Some CSFRs affect the whole CPU or the pipeline before the Memory stage. The CPU-
SFRs CPUCON1, CP, SP, STKUN, STKOV, VECSEG, TFR, and PSW affect the overall
CPU function, while the CPU-SFRs IDX0, IDX1, QX1, QX0, DPP0, DPP1, DPP2, and
DPP3 only affect the DECODE, ADDRESS, and MEMORY stage when they are
modified explicitly. In this case the pipeline behavior depends on the instruction and
addressing mode used to modify the CSFR.
In the case of modification of these CSFRs by “POP CSFR” or by instructions using the
reg,#data16 addressing mode, a special mechanism is implemented to improve
performance during the initialization.
For further explanation, the instruction which modifies the CSFR can be called
“instruction_modify_CSFR”. This special case is detected in the DECODE stage when
the instruction_modify_CSFR enters the processing pipeline. Further on, instructions
described in the following list are held in the DECODE stage (all other instructions are
not held):
•
Instructions using long addressing mode (mem)
•
Instructions using indirect addressing modes ([R
w], [Rw+]…), except JMPI and CALLI
•
ENWDT, DISWDT, EINIT
•
All CoXXX instructions
If the CPUCON1, CP, SP, STKUN, STKOV, VECSEG, TFR, or the PSW are modified
and the instruction_modify_CSFR reaches the EXECUTE stage, the pipeline is
canceled. The modification affects the entire pipeline and the instruction prefetch. A
clean cancel and restart mechanism is required to guarantee a correct instruction flow.
In case of modification of IDX0, IDX1, QX1, QX0, DPP0, DPP1, DPP2, or DPP3 only the
DECODE, ADDRESS, and MEMORY stages are affected and the pipeline needs not to
be canceled. The modification does not affect the instructions in the ADDRESS,
MEMORY stage because they are not using this resource. Other kinds of instructions are
held in the DECODE stage until the CSFR is modified.
The following example shows a case in which the pipeline is stalled. The instruction
“MOV R6, R1” after the “MOV IDX1, #12” instruction which modifies the CSFR will be
held in DECODE Stage until the IDX1 register is updated. The next example shows an
optimized initialization routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com