Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 170 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 170 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 166Page - Infineon Technologies AG XC2000 Datasheet HTML 167Page - Infineon Technologies AG XC2000 Datasheet HTML 168Page - Infineon Technologies AG XC2000 Datasheet HTML 169Page - Infineon Technologies AG XC2000 Datasheet HTML 170Page - Infineon Technologies AG XC2000 Datasheet HTML 171Page - Infineon Technologies AG XC2000 Datasheet HTML 172Page - Infineon Technologies AG XC2000 Datasheet HTML 173Page - Infineon Technologies AG XC2000 Datasheet HTML 174Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-26
V1.0, 2007-06
CPUSV2_X, V2.2
4.4
CPU Configuration Registers
The CPU configuration registers select a number of general features and behaviors of
the XC2000’s CPU core. In general, these registers must not be modified by application
software (exceptions will be documented, e.g. in an errata sheet).
Note: The CPU configuration registers are protected by the register security mechanism
after the EINIT instruction has been executed.
CPUCON1
CPU Control Register 1
SFR (FE18
H/0CH)
Reset Value: 0007
H
15
14
13
12
11
10
9
8765
432
10
---
----
--
VECSC
WDT
CTL
SGT
DIS
INTS
CXT
BP
ZCJ
-
-
-
-
-
-
-
-
-
rw
rwrw
rwrwrw
Field
Bits
Type
Description
VECSC
[6:5]
rw
Scaling Factor of Vector Table
00
Space between two vectors is 2 words
1)
01
Space between two vectors is 4 words
10
Space between two vectors is 8 words
11
Space between two vectors is 16 words
1) The default value (2 words) is compatible with the vector distance defined in the C166 Family architecture.
WDTCTL
4rw
Configuration of Watchdog Timer
0
DISWDT executable only until End Of Init
2)
1
DISWDT/ENWDT always executable
(enhanced WDT mode)
2) The DISWDT (executed after EINIT) and ENWDT instructions are internally converted in a NOP instruction.
SGTDIS
3rw
Segmentation Disable/Enable Control
0
Segmentation enabled
1
Segmentation disabled
INTSCXT
2rw
Enable Interruptibility of Switch Context
0
Switch context is not interruptible
1
Switch context is interruptible
BP
1rw
Enable Branch Prediction Unit
0
Branch prediction disabled
1
Branch prediction enabled
ZCJ
0rw
Enable Zero Cycle Jump Function
0
Zero cycle jump function disabled
1
Zero cycle jump function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com