Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 174 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 174 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 170Page - Infineon Technologies AG XC2000 Datasheet HTML 171Page - Infineon Technologies AG XC2000 Datasheet HTML 172Page - Infineon Technologies AG XC2000 Datasheet HTML 173Page - Infineon Technologies AG XC2000 Datasheet HTML 174Page - Infineon Technologies AG XC2000 Datasheet HTML 175Page - Infineon Technologies AG XC2000 Datasheet HTML 176Page - Infineon Technologies AG XC2000 Datasheet HTML 177Page - Infineon Technologies AG XC2000 Datasheet HTML 178Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-30
V1.0, 2007-06
CPUSV2_X, V2.2
Bitfield BANK in register PSW selects which of the three physical register banks is
activated. The selected bank can be changed explicitly by any instruction which writes
to the PSW, or implicitly by a RETI instruction, an interrupt or hardware trap. In case of
an interrupt, the selection of the register bank is configured via registers BNKSELx in the
Interrupt Controller ITC. Hardware traps always use the global register bank.
The local register banks are built of dedicated physical registers, while the global register
bank represents a cache. The banks of the memory-mapped GPRs (global bank) are
located in the internal DPRAM. One bank uses a block of 16 consecutive words. A
Context Pointer (CP) register determines the base address of the current selected bank.
To provide the required access speed, the GPRs located in the DPRAM are cached in
the 5-port register file (only one memory-mapped GPR bank can be cached at the time).
If the global register bank is activated, the cache will be validated before further
instructions are executed. After validation, all further accesses to the GPRs are
redirected to the global register bank.
Figure 4-6
Register Bank Selection via Register CP
MCA04921
R15
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
16-Bit Context Pointer
15
0
Internal DPRAM
R15
R0
Global
local
Register File
(CP) + 30
R14
(CP) + 28
(CP) + 2
(CP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com