Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 172 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 172 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 168Page - Infineon Technologies AG XC2000 Datasheet HTML 169Page - Infineon Technologies AG XC2000 Datasheet HTML 170Page - Infineon Technologies AG XC2000 Datasheet HTML 171Page - Infineon Technologies AG XC2000 Datasheet HTML 172Page - Infineon Technologies AG XC2000 Datasheet HTML 173Page - Infineon Technologies AG XC2000 Datasheet HTML 174Page - Infineon Technologies AG XC2000 Datasheet HTML 175Page - Infineon Technologies AG XC2000 Datasheet HTML 176Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-28
V1.0, 2007-06
CPUSV2_X, V2.2
Example for dedicated stall debug instructions:
STALLAM da,ha,dm,hm
;Opcode: 44 dahadmhm
STALLEW de,he,dw,hw
;Opcode: 45 dehedwhw
;Stalls the corresponding pipeline
;stage after “d” cycles for “h” cycles
;(“d” and “h” are 6-bit values)
Note: In general, these registers must not be modified by application software
(exceptions will be documented, e.g. in an errata sheet).
OVRUN
4rw
Pipeline Control
0
Overrun of pipeline bubbles not allowed
1
Overrun of pipeline bubbles allowed
RETST
3rw
Enable Return Stack
0
Return Stack is disabled
1
Return Stack is enabled
DAID
1rw
Disable Atomic Injection Deny
0
Injection-requests are denied during Atomic
1
Injection-requests are not denied during
Atomic
SL
0rw
Enables Short Loop Mode
0
Short loop mode disabled
1
Short loop mode enabled
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com