Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 173 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 173 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 169Page - Infineon Technologies AG XC2000 Datasheet HTML 170Page - Infineon Technologies AG XC2000 Datasheet HTML 171Page - Infineon Technologies AG XC2000 Datasheet HTML 172Page - Infineon Technologies AG XC2000 Datasheet HTML 173Page - Infineon Technologies AG XC2000 Datasheet HTML 174Page - Infineon Technologies AG XC2000 Datasheet HTML 175Page - Infineon Technologies AG XC2000 Datasheet HTML 176Page - Infineon Technologies AG XC2000 Datasheet HTML 177Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-29
V1.0, 2007-06
CPUSV2_X, V2.2
4.5
Use of General Purpose Registers
The CPU uses several banks of sixteen dedicated registers R0, R1, R2, … R15, called
General Purpose Registers (GPRs), which can be accessed in one CPU cycle. The
GPRs are the working registers of the arithmetic and logic units and many also serve as
address pointers for indirect addressing modes.
The register banks are accessed via the 5-port register file providing the high access
speed required for the CPU’s performance. The register file is split into three
independent physical register banks. There are two types of register banks:
•
Two local register banks which are a part of the register file
•
A global register bank which is memory-mapped and cached in the register file
Figure 4-5
Register File
R15
MCD04873
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
Core-RAM
Global
Local
R15
R0
Memory
mapped
GPR Bank
AGU Write Port
ALU Write Port
AGU Read Port
ALU Read Port 1
ALU Read Port 2
Registerfile
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com