Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 175 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 175 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 171Page - Infineon Technologies AG XC2000 Datasheet HTML 172Page - Infineon Technologies AG XC2000 Datasheet HTML 173Page - Infineon Technologies AG XC2000 Datasheet HTML 174Page - Infineon Technologies AG XC2000 Datasheet HTML 175Page - Infineon Technologies AG XC2000 Datasheet HTML 176Page - Infineon Technologies AG XC2000 Datasheet HTML 177Page - Infineon Technologies AG XC2000 Datasheet HTML 178Page - Infineon Technologies AG XC2000 Datasheet HTML 179Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-31
V1.0, 2007-06
CPUSV2_X, V2.2
4.5.1
GPR Addressing Modes
Because the GPRs are the working registers and are accessed frequently, there are
three possible ways to access a register bank:
•
Short GPR Address (mnemonic: Rw or Rb)
•
Short Register Address (mnemonic: reg or bitoff)
•
Long Memory Address (mnemonic: mem), for the global bank only
Short GPR Addresses specify the register offset within the current register bank
(selected via bitfield BANK). Short 4-bit GPR addresses can access all sixteen registers,
short 2-bit addresses (used by some instructions) can access the lower four registers.
Depending on whether a relative word (Rw) or byte (Rb) GPR address is specified, the
short GPR address is either multiplied by two (Rw) or not (Rb) before it is used to
physically access the register bank. Thus, both byte and word GPR accesses are
possible in this way.
Note: GPRs used as indirect address pointers are always accessed wordwise.
For the local register banks the resulting offset is used directly, for the global register
bank the resulting offset is logically added to the contents of register CP which points to
the memory location of the base of the current global register bank (see Figure 4-7).
Short 8-Bit Register Addresses within a range from F0
H to FFH interpret the four least
significant bits as short 4-bit GPR addresses, while the four most significant bits are
ignored. The respective physical GPR address is calculated in the same way as for short
4-bit GPR addresses. For single bit GPR accesses, the GPR’s word address is
calculated in the same way. The accessed bit position within the word is specified by a
separate additional 4-bit value.
Figure 4-7
Implicit CP Use by Logical Short GPR Addressing Modes
1
4-Bit GPR
Address
MCA04922
0
11
1
1
11
12-Bit Context Pointer
Specified by reg or bitoff
*1
*2
+
For word GPR
accesses
For byte
GPR
accesses
GPRs
Must be
within
the internal
DPRAM area
Internal
DRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com