Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 171 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 171 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 167Page - Infineon Technologies AG XC2000 Datasheet HTML 168Page - Infineon Technologies AG XC2000 Datasheet HTML 169Page - Infineon Technologies AG XC2000 Datasheet HTML 170Page - Infineon Technologies AG XC2000 Datasheet HTML 171Page - Infineon Technologies AG XC2000 Datasheet HTML 172Page - Infineon Technologies AG XC2000 Datasheet HTML 173Page - Infineon Technologies AG XC2000 Datasheet HTML 174Page - Infineon Technologies AG XC2000 Datasheet HTML 175Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-27
V1.0, 2007-06
CPUSV2_X, V2.2
CPUCON2
CPU Control Register 2
SFR (FE1A
H/0DH)
Reset Value: 8FBB
H
15
14
13
12
11
10
9
8765
432
10
FIFODEPTH
FIFOFED
BYP
PF
BYP
F
EIO
IAEN
STE
N
LFIC
OV
RUN
RET
ST
-DAID SL
rw
rw
rw
rw
rw
rw
rw
rw
rw
-
rw
rw
Field
Bits
Type
Description
FIFODEPTH
[15:12] rw
FIFO Depth Configuration
0000 No FIFO (entries)
0001 One FIFO entry
……
1000 Eight FIFO entries
1001 reserved
……
1111 reserved
FIFOFED
[11:10] rw
FIFO Fed Configuration
00
FIFO disabled
01
FIFO filled with up to one instruction per cycle
10
FIFO filled with up to two instructions per cycle
11
FIFO filled with up to three instruction per cycle
BYPPF
9rw
Prefetch Bypass Control
0
Bypass path from prefetch to decode disabled
1
Bypass path from prefetch to decode available
BYPF
8rw
Fetch Bypass Control
0
Bypass path from fetch to decode disabled
1
Bypass path from fetch to decode available
EIOIAEN
7rw
Early IO Injection Acknowledge Enable
0
Injection acknowledge by destructive read not
guaranteed
1
Injection acknowledge by destructive read
guaranteed
STEN
6rw
Stall Instruction Enable (for debug purposes)
0
Stall Instruction disabled
1
Stall Instruction enabled (see example below)
LFIC
5rw
Linear Follower Instruction Cache
0
Linear Follower Instruction Cache disabled
1
Linear Follower Instruction Cache enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com