Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 176 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 176 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 172Page - Infineon Technologies AG XC2000 Datasheet HTML 173Page - Infineon Technologies AG XC2000 Datasheet HTML 174Page - Infineon Technologies AG XC2000 Datasheet HTML 175Page - Infineon Technologies AG XC2000 Datasheet HTML 176Page - Infineon Technologies AG XC2000 Datasheet HTML 177Page - Infineon Technologies AG XC2000 Datasheet HTML 178Page - Infineon Technologies AG XC2000 Datasheet HTML 179Page - Infineon Technologies AG XC2000 Datasheet HTML 180Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Central Processing Unit (CPU)
Preliminary
User’s Manual
4-32
V1.0, 2007-06
CPUSV2_X, V2.2
24-Bit Memory Addresses can be directly used to access GPRs located in the DPRAM
(not applicable for local register banks). In case of a memory read access, a hit detection
logic checks if the accessed memory location is cached in the global register bank. In
case of a cache hit, an additional global register bank read access is initiated. The data
that is read from cache will be used and the data that is read from memory will be
discarded.
This
leads
to
a
delay
of
one
CPU
cycle
(MOV
R4,
mem
[CP
≤ mem ≤ CP + 31]). In case of a memory write access, the hit detection logic
determines a cache hit in advance. Nevertheless, the address conversion needs one
additional CPU cycle. The value is directly written into the global register bank without
further delay (MOV mem, R4).
Note: The 24-bit GPR addressing mode is not recommended because it requires an
extra cycle for the read and write access.
Table 4-16
Addressing Modes to Access GPRs
Word Registers
1)
1) The first 8 GPRs (R7 … R0) may also be accessed bytewise. Writing to a GPR byte does not affect the other
byte of the respective GPR.
Byte Registers
Short Address
2)
2) Short addressing modes are usable for all register banks.
Name
Mem. Addr.
3)
3) Long addressing mode only usable for the memory mapped global GPR bank.
Name
Mem. Addr.
3)
8-Bit
4-Bit
2-Bit
R0
(CP) + 0
RL0
(CP) + 0
F0
H
0
H
0
H
R1
(CP) + 2
RH0
(CP) + 1
F1
H
1
H
1
H
R2
(CP) + 4
RL1
(CP) + 2
F2
H
2
H
2
H
R3
(CP) + 6
RH1
(CP) + 3
F3
H
3
H
3
H
R4
(CP) + 8
RL2
(CP) + 4
F4
H
4
H
---
R5
(CP) + 10
RH2
(CP) + 5
F5
H
5
H
---
R6
(CP) + 12
RL3
(CP) + 6
F6
H
6
H
---
R7
(CP) + 14
RH3
(CP) + 7
F7
H
7
H
---
R8
(CP) + 16
RL4
(CP) + 8
F8
H
8
H
---
R9
(CP) + 18
RH4
(CP) + 9
F9
H
9
H
---
R10
(CP) + 20
RL5
(CP) + 10
FA
H
A
H
---
R11
(CP) + 22
RH5
(CP) + 11
FB
H
B
H
---
R12
(CP) + 24
RL6
(CP) + 12
FC
H
C
H
---
R13
(CP) + 26
RH6
(CP) + 13
FD
H
D
H
---
R14
(CP) + 28
RL7
(CP) + 14
FE
H
E
H
---
R15
(CP) + 30
RH7
(CP) + 15
FF
H
F
H
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com