Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 137Page - Renesas Technology Corp 7630 Datasheet HTML 138Page - Renesas Technology Corp 7630 Datasheet HTML 139Page - Renesas Technology Corp 7630 Datasheet HTML 140Page - Renesas Technology Corp 7630 Datasheet HTML 141Page - Renesas Technology Corp 7630 Datasheet HTML 142Page - Renesas Technology Corp 7630 Datasheet HTML 143Page - Renesas Technology Corp 7630 Datasheet HTML 144Page - Renesas Technology Corp 7630 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 238 page
background image
2-75
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
2.5.5 Serial I/O application examples
(1) Output of serial data (control of a peripheral IC)
Outline : 4-byte data is transmitted and received using the clock synchronous serial I/O. The CS
signal is output to a peripheral IC through the port P33.
Fig. 2.5.13 Connection diagram [Output of serial data]
Specifications : • The Serial I/O is used(the clock synchronous serial I/O is selected).
• Synchronous clock frequency : 125 kHz (f(XIN) = 8 MHz is divided by 64)
• Transfer direction : LSB first.
• The Serial I/O interrupt is not used.
___
• Port P33 is connected to the CS pin (“L” active) of the peripheral IC for transmission
control (the output level of port P33 is controlled by software).
Figre 2.5.14 shows an output timing chart of serial data.
Fig. 2.5.14 Timing chart [Output of serial data]
P33
SCLK
SOUT
CS
CLK
DATA
7630 group
Peripheral IC
CS
CLK
DATA
CS
CLK
DATA
D00
Note: The SOUT pin is in high impedance state after completion of data transfer.
D01
D02
D03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com