Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 141Page - Renesas Technology Corp 7630 Datasheet HTML 142Page - Renesas Technology Corp 7630 Datasheet HTML 143Page - Renesas Technology Corp 7630 Datasheet HTML 144Page - Renesas Technology Corp 7630 Datasheet HTML 145Page - Renesas Technology Corp 7630 Datasheet HTML 146Page - Renesas Technology Corp 7630 Datasheet HTML 147Page - Renesas Technology Corp 7630 Datasheet HTML 148Page - Renesas Technology Corp 7630 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 238 page
background image
2-79
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
(2) Communication (transmit/receive) using asynchronous serial I/O (UART) 1
Point : 1-word data is transmitted and received through asynchronous serial I/O.
Figure 2.5.18 shows a connection diagram, and Figure 2.5.19 shows a timing chart.
Fig. 2.5.18 Connection diagram [Communication using UART]
Specifications :
• The Serial I/O is used (UART is selected).
• Transfer bit rate : 9600 bps (f(XIN) = 10.0 MHz is divided by 1024)
_________
_________
• Communication control using port URTS and UCTS
Fig. 2.5.19 Timing chart [Communication using UART]
RxD
7630 group
TxD
UCTS
URTS
7630 group
Transmitting side
Receiving side
TxD
ST
D0
D1
D2
D3
D4
D5
D6
D7
2SP
URTS
ST
D0
Receive enable bit
Transmit enable bit
Transmission buffer empty flag
UCTS
(Transmitting side)
RxD
(Receiving side)
• Receiving side
• Transmitting side
Set to “1”
Set to “1”
A
A
A : Write transmit data to the UART transmit buffer register 1.
1ST-8DATA-2SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com