Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 142Page - Renesas Technology Corp 7630 Datasheet HTML 143Page - Renesas Technology Corp 7630 Datasheet HTML 144Page - Renesas Technology Corp 7630 Datasheet HTML 145Page - Renesas Technology Corp 7630 Datasheet HTML 146Page - Renesas Technology Corp 7630 Datasheet HTML 147Page - Renesas Technology Corp 7630 Datasheet HTML 148Page - Renesas Technology Corp 7630 Datasheet HTML 149Page - Renesas Technology Corp 7630 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 238 page
background image
2-80
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
Table 2.5.1 shows setting examples of UART baud rate generator (UBRG) values and transfer bit rate
values, Figure 2.5.20 shows a setting of related registers on the transmitting side, and Figure 2.5.21
shows a setting of related registers on the receiving side.
Table 2.5.1 Setting examples of Baud rate generator values and transfer bit rate values
Transfer bit rate BRG count source
at
φ = 8MHz / 2
at
φ = 10MHz / 2
(bps) (Note 1)(Note 2)
BRG setting value
Actual time (bps)
BRG setting value
Actual time (bps)
75
φ/256
12 (0C16)
75.12
15 (0F16)
76.29
150
φ/256
5 (0516)
162.76
7 (0716)
152.58
300
φ/32
25 (1916)
300.48
31 (1F16)
305.17
600
φ/32
12 (0C16)
600.96
15 (0F16)
610.35
1200
φ/32
5 (0516)
1302.08
7 (0716)
1220.70
2400
φ/8
12 (0C16)
2403.84
15 (0F16)
2441.40
4800
φ/8
5 (0516)
5208.33
7 (0716)
4882.81
9600
φ/8
2 (0216)
10416.66
3 (0316)
9765.62
19200
φ
12 (0C16)
19230.76
15 (0F16)
19531.25
31250
φ
7 (0716)
31250.00
9 (0916)
31250.00
62500
φ
3 (0316)
62500.00
4 (0416)
62500.00
76800
φ
2 (0216)
83333.33
3 (0316)
78125.00
Notes 1: Equation of transfer bit rate
Transfer bit rate (bps) =
φ
(BRG setting value + 1) ! 16 !
pV
Notes 2: BRG count source (
φ/pV) is selected by the Clock divider selection bits (bit 1 and 2 of the UART
mode register [Address: 002016]).
V The Value p is decided by the Clock divider selection bits (bit 1 and 2 of the UART mode register
[Address: 002016]). Refer to Table 2.5.2.
Table 2.5.2 Clock divider selection for serial I/O
Clock divider
p
Clock divider selection bits
bit 2
bit 1
10
0
80
1
32
1
0
256
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com