Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 145Page - Renesas Technology Corp 7630 Datasheet HTML 146Page - Renesas Technology Corp 7630 Datasheet HTML 147Page - Renesas Technology Corp 7630 Datasheet HTML 148Page - Renesas Technology Corp 7630 Datasheet HTML 149Page - Renesas Technology Corp 7630 Datasheet HTML 150Page - Renesas Technology Corp 7630 Datasheet HTML 151Page - Renesas Technology Corp 7630 Datasheet HTML 152Page - Renesas Technology Corp 7630 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 238 page
background image
2-83
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
Control procedure : Figure 2.5.22 shows a control procedure on the transmitting side, and Figure
2.5.23 shows a control procedure on the receiving side.
Fig. 2.5.22 Control procedure on transmitting side [Communication using UART]
RESET
Initialization
UMOD [Address: 002016]
CPUM [Address: 000016]
00000X002
010X101X2
X : These bits are not used in this application.
Please set these bits to “0” or “1” appropriately.
UCON [Address: 002216]
XXXX01002
•
φ = f(XIN) divided by 2 (high-speed mode)
UBRG [Address: 002116]
4 – 1
UCON [Address: 002216], bit 0
1
• Transmit enable (Start of communication)
UTBR1 [Address: 002416]
The first byte of transmission data
• Write the first byte of transmission data to the Transmit buffer register.
The Transmit buffer empty flag is cleared to “0” by this writing.
USTS [Address: 002316], bit 1?
1
0
• Check whether the data has been transferred from the Transmit buffer
register to the Transmit shift register with the Transmit buffer empty flag.
UTBR1 [Address: 002416]
The second byte of transmission data
• Write the second byte of transmission data to the Transmit buffer
register. The Transmit shift register shift completion flag is clear
to “0” by this writing.
USTS [Address: 002316], bit 0?
1
0
• Check the shift completion of the Transmit shift register with the
Transmit shift register shift completion flag.
UCON [Address: 002216], bit 2
0
• Transmit initialization (End of communication)
The Transmit enable bit is cleared to “0”.
The Transmission register empty flag is set to “1”.
The Transmission buffer empty flag is set to “1”.
When the UCTS input level is “L”,
start transmission (Note).
When the UCTS input level is “L”,
start transmission (Note).
• Transmitting side
• Transfer data format : 1ST-8DATA-2SP
• Transmit initialization
The Transmit enable bit is cleared to “0”.
The Transmission register empty flag is set to “1”.
The Transmission buffer empty flag is set to “1”.
Note: Controlled by the serial I/O logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com