Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 148Page - Renesas Technology Corp 7630 Datasheet HTML 149Page - Renesas Technology Corp 7630 Datasheet HTML 150Page - Renesas Technology Corp 7630 Datasheet HTML 151Page - Renesas Technology Corp 7630 Datasheet HTML 152Page - Renesas Technology Corp 7630 Datasheet HTML 153Page - Renesas Technology Corp 7630 Datasheet HTML 154Page - Renesas Technology Corp 7630 Datasheet HTML 155Page - Renesas Technology Corp 7630 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 238 page
background image
2-86
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
Fig. 2.5.26 Setting of related registers on transmitting side [Communication using UART]
b0
b7
USTS
UART status register [Address: 002316]
Transmission register empty flag :
This flag is set to “1” at transmit shift completed.
Check a completion of transmitting 1-word data with this flag.
Transmission buffer empty flag :
This flag is set to “1” at transfer data from the Transmit buffer
register to the Transmit shift register.
• Transmitting side
b0
b7
CPUM
CPU mode register [Address: 000016]
Internal system clock selection bit :
φ = f(XIN) divided by 2
(high-speed mode)
0
b0
b7
UMOD
UART mode register [Address: 002016]
1
Clock divider selection bits :
φ divided by 8
00
101
Stop bits selection bit : Two stop bits
Parity enable bit : Parity disabled
Word length selection bits : 9 bits
b0
b7
UCON
UART control register [Address: 002216]
0
Transmit enable bit : Transmit disabled
(Set this bit to “1” at starting communication.)
00
1
Receive enable bit : Receive disabled
Transmission initialization bit : Initialize the transmit enable bit and
transmit status register flags.
Receive initialization bit : No action
b0
b7
UBRG
UART baud rate generator [Address: 002116]
Set
3
Transfer bit rate ! 16 !
pV
φ
V The value p is decided by the Clock divider selection bits (bit 1 and bit 2
of the UART mode register [address: 002016]). Refer to Table 2.5.2.
– 1
Figure 2.5.26 shows a setting of related registers at a transmitting side, and Figure 2.5.27 shows a
setting of related registers at a receiving side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com