Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 151Page - Renesas Technology Corp 7630 Datasheet HTML 152Page - Renesas Technology Corp 7630 Datasheet HTML 153Page - Renesas Technology Corp 7630 Datasheet HTML 154Page - Renesas Technology Corp 7630 Datasheet HTML 155Page - Renesas Technology Corp 7630 Datasheet HTML 156Page - Renesas Technology Corp 7630 Datasheet HTML 157Page - Renesas Technology Corp 7630 Datasheet HTML 158Page - Renesas Technology Corp 7630 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 238 page
background image
2-89
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
Fig. 2.5.29 Control procedure on receiving side [Communication using UART]
RESET
Initialization
UMOD [Address: 002016]
CPUM [Address: 000016]
00000X002
100X101X2
X : These bits are not used in this application.
Please set these bits to “0” or “1” appropriately.
UCON [Address: 002216]
XXXX10002
•
φ = f(XIN) divided by 2 (high-speed mode)
UBRG [Address: 002116]
4 – 1
UCON [Address: 002216], bit 1
1
USTS [Address: 002316], bit 2?
1
0
• Check the completion of receiving with the Receive buffer full flag.
Read the received data
from URBR1 [Address: 002616]
and URBR2 [Address: 002716]
• Read the received 9 bits data.
The receive buffer full flag is cleared to “0” by reading data.
UCON [Address: 002216], bit 3
1
• Receive initialization (End of communication)
The Receive enable bit is cleared to “0”.
The Receive buffer full flag is set to “1”.
The Receive parity error flag is cleared to “0”.
The Receive framing error flag is cleared to “0”.
The Receive overrun flag is cleared to “0”.
The Receive error sum flag is cleared to “0”.
• Receive enable (Start of communication)
Output “L” from URTS.
• Receiving side
• Check the Receive error sum flag.
USTS [Address: 002316], bit 6?
0
1
Processing for error
• Transfer data format : 1ST-9DATA-2SP
• Receive initialization
The Receive enable bit is cleared to “0”.
The Receive buffer full flag is set to “1”.
The Receive parity error flag is cleared to “0”.
The Receive framing error flag is cleared to “0”.
The Receive overrun flag is cleared to “0”.
The Receive error sum flag is cleared to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com