Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 155Page - Renesas Technology Corp 7630 Datasheet HTML 156Page - Renesas Technology Corp 7630 Datasheet HTML 157Page - Renesas Technology Corp 7630 Datasheet HTML 158Page - Renesas Technology Corp 7630 Datasheet HTML 159Page - Renesas Technology Corp 7630 Datasheet HTML 160Page - Renesas Technology Corp 7630 Datasheet HTML 161Page - Renesas Technology Corp 7630 Datasheet HTML 162Page - Renesas Technology Corp 7630 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 238 page
background image
2-93
7630 Group User’s Manual
APPLICATION
2.6 A-D converter
Fig. 2.6.6 Control procedure [Measurement of analog signals]
ADCON [Address: 001516]
XXX110012
ADCON [Address: 001516], bit 3?
1
0
• Check the completion of A-D conversion
with the A-D conversion completion bit.
P0D [Address: 000916]
XXXXXX0X2
ADCON [Address: 001516], bit 3
0
Read out AD [Address: 001416]
X : These bits are not used in this application.
Please set these bits to “0” or “1” appropriately.
• Select the P01/AN1 pin as an analog input pin.
• P01/AN1 pin : Input mode
• Start A-D conversion.
• Read out the conversion result.
The A-D conversion completion bit is cleared to “0” at this reading.
Control procedure : By setting the related registers as shown in Figure 2.6.6, the analog voltage
input from the sensor are converted into digital values.
2.6.4 Conversion time
On A-D conversion process takes 53 to 54 cycles of the internal system clock
φ.
2.6.5 Notes on use
(1) Analog input pin
Make the signal source impedance for analog input low, or equip an analog input pin with an external
capacitor of 0.01
µF to 1µF. Further, be sure to verify the operation of application products on the user
side.
Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when signals
from signal source with high impedance are input to an analog input pin, charge and discharge noise
generates. This may cause the A-D conversion precision to be worse.
(2) Reference voltage input pin (VREF)
Apply a voltage of 2V to VCC to the reference voltage input pin VREF during A-D conversion. Note that
if the reference voltage is lowered below the above value, the A-D conversion precision will be
degraded.
(3) Oscillation frequency during A-D conversion
The comparator is configured by capacity coupling, so the charge is lost if the clock input oscillation
frequency is low. Set f(XIN) at 500kHz or more during A-D conversion.
(4) Set the analog input pin to input mode
Clear the bit of the Port P0 direction register [Address: 000916] which correponds to the used analog
input pin to “0” (input mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com