Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 158Page - Renesas Technology Corp 7630 Datasheet HTML 159Page - Renesas Technology Corp 7630 Datasheet HTML 160Page - Renesas Technology Corp 7630 Datasheet HTML 161Page - Renesas Technology Corp 7630 Datasheet HTML 162Page - Renesas Technology Corp 7630 Datasheet HTML 163Page - Renesas Technology Corp 7630 Datasheet HTML 164Page - Renesas Technology Corp 7630 Datasheet HTML 165Page - Renesas Technology Corp 7630 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 238 page
background image
APPLICATION
2-96
2.8 Reset
7630 Group User’s Manual
2.8 Reset
Figure 2.8.1 shows an example of power on reset circuit.
Figure 2.8.2 shows system example which switch the microcomputer to the RAM backup mode by detecting
a drop of the system power source voltage with the INT interrupt.
Fig. 2.8.1 Example of Power on reset circuit
Fig. 2.8.2 RAM back-up system
Power source
M51953AL
GND
7630 group
VCC
VSS
Output
Delay capacity
0.1
µF
1
3
4
5
RESET
M51953AL
GND
7630 group
VCC
VSS
1
4
5
RESET
Cd
RESET
V1
VCC2
VCC1
2
3
6
7
System power
source voltage
+5V
+
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com