Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 162Page - Renesas Technology Corp 7630 Datasheet HTML 163Page - Renesas Technology Corp 7630 Datasheet HTML 164Page - Renesas Technology Corp 7630 Datasheet HTML 165Page - Renesas Technology Corp 7630 Datasheet HTML 166Page - Renesas Technology Corp 7630 Datasheet HTML 167Page - Renesas Technology Corp 7630 Datasheet HTML 168Page - Renesas Technology Corp 7630 Datasheet HTML 169Page - Renesas Technology Corp 7630 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 238 page
background image
7630 Group User’s Manual
3-100
APPLICATION
2.10 Development support tools
2.10 Development support tools (M37630T-RFS)
The M37630T-RFS is a conversion board to use M37630E4FS as emulator MCU.
When an emulator is connected to the socket on the top surface, user program debugging can be performed efficiently
by using a real-time trace function, etc.
Since address bus signals, data bus signals, SYNC, RD, WR and
f signals are output from the socket, emulator can
monitor all bus information in the microcomputer.
For details of development support systems for the M37630T-RFS, refer to the “DEVELOPMENT SUPPORT TOOLS
FOR MICROCOMPUTER” data book.
Figure 2.10.1 shows an example of configuration example of using M37630T-RFS.
Fig. 2.10.1 Configuration example of using M37630T-RFS
id
e
.
M38000T-FPD or M38000TL-FPD
or M38000TL2-FPD
M37630E4FS
M37630T-RFS
PCA4628B
V TQSOCKET044SAF
V TQSOCKET044SAG
V TQPACK044SA
User’s target
Foot pattern(44P6N-A)
Soldering
Emulation Pod Probe
No.1 pin of
MCU
V TQSOCKET044SAF, TQSOCKET044SAG
and TQPACK044SA are the products made
by Tokyo Eletec Co. Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com