Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 160Page - Renesas Technology Corp 7630 Datasheet HTML 161Page - Renesas Technology Corp 7630 Datasheet HTML 162Page - Renesas Technology Corp 7630 Datasheet HTML 163Page - Renesas Technology Corp 7630 Datasheet HTML 164Page - Renesas Technology Corp 7630 Datasheet HTML 165Page - Renesas Technology Corp 7630 Datasheet HTML 166Page - Renesas Technology Corp 7630 Datasheet HTML 167Page - Renesas Technology Corp 7630 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 238 page
background image
APPLICATION
2-98
2.9 Oscillation circuit
7630 Group User’s Manual
2.9.2 Related registers
Fig. 2.9.2 Structure of CPU mode register
CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
Name
CPU mode register (CPUM) [Address : 000016]
0
0
Processor mode bits
b1 b0
0 0 : Single chip mode
0 1 : Not available
1 0 : Not available
1 1 : Not available
0
1
2
1
Stack page selection bit
0 : In page 0
1 : In page 1
3
4
5
0
0
0
Not used (“0” when read, don't write “1”.)
6
1
Internal clock selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (middle-speed mode)
7
Not used (“0” when read, don't write “1”.)
0
Fig. 2.9.3 Structure of Watchdog timer register
Watchdog timer register (Note 1)
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
Name
Watchdog timer register (WDT) [Address : 002E16]
6
0
Stop instruction disable bit
0 : Stop instruction enabled
1 : Stop instruction disabled
Executed two NOP instructions
instead of STP instruction (Note 2)
Not used (“1” when read.)
0
1
7
0
Upper byte count source selection
bit
0 : Underflow of the low order counter
1 :
φ divided by 256
Note 1: Writing to this register reloads the watchdog timer counters with the following initial
values irrespective of the value written. After reload, the watchdog timer counts down.
• The high-order counter WDH (7-bit counter) is set to “7F16”.
• The low-order counter WDL (4-bit counter) is set to “F16”.
The time-out period of the watchdog timer is
nV cycles of the internal system clock
φ .
V •
n = 524288 when the Upper byte count source selection bit is “0”.
•
n = 32768 when the Upper byte count source selection bit is “1”.
On a watchdog timer underflow, the watchdog timer interrupt (non-maskable) occurs.
Set the watchdog timer counters to the default values prevent from underflow by writing
to this register in main processing.
Once the watchdog timer has been started, it cannot be stopped except by reset.
Note 2: Once the Stop instruction is disabled, it cannot be enabled again except by reset.
1
2
3
4
5
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com