Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 163Page - Renesas Technology Corp 7630 Datasheet HTML 164Page - Renesas Technology Corp 7630 Datasheet HTML 165Page - Renesas Technology Corp 7630 Datasheet HTML 166Page - Renesas Technology Corp 7630 Datasheet HTML 167Page - Renesas Technology Corp 7630 Datasheet HTML 168Page - Renesas Technology Corp 7630 Datasheet HTML 169Page - Renesas Technology Corp 7630 Datasheet HTML 170Page - Renesas Technology Corp 7630 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 238 page
background image
2-101
7630 Group User’s Manual
APPLICATION
2.11 Built-in PROM version
2.11 Built-in PROM version
In contrast with the mask ROM version, a microcomputer incorporating a programmable ROM is called
built-in PROM version.
There are two types of built-in PROM version as shown below.
q One Time PROM version
Writing to the built-in PROM can be performed only once.
Neither erase nor rewrite operation is
enabled.
q Built-in EPROM version
The built-in EPROM version is a programmable microcomputer with a window and can perform write,
erase, and rewrite operations.
The built-in PROM version has the EPROM mode for writing to the built-in PROM in addition to the same
functions as those of the mask ROM version.
For an outline of performance and a functional block diagram of the built-in PROM version, refer to “1.
Hardware”.
2.11.1 Product expansion
The 7630 group supports the built-in PROM versions shown in Table 2.11.1.
Table 2.11.1 7630 group’s built-in PROM version supporting products
Product name
(P)ROM size
RAM size
I/O Ports
Package
Remarks
(bytes)
(bytes)
M37630E4T-XXXFP
I/O ports: 35
44P6N-A
One Time PROM version
M37630E4FP
16252
512
Input ports: 1
One Time PROM version (blank)
M37630E4FS
80D0
EPROM version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com