Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 165Page - Renesas Technology Corp 7630 Datasheet HTML 166Page - Renesas Technology Corp 7630 Datasheet HTML 167Page - Renesas Technology Corp 7630 Datasheet HTML 168Page - Renesas Technology Corp 7630 Datasheet HTML 169Page - Renesas Technology Corp 7630 Datasheet HTML 170Page - Renesas Technology Corp 7630 Datasheet HTML 171Page - Renesas Technology Corp 7630 Datasheet HTML 172Page - Renesas Technology Corp 7630 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 238 page
background image
2-103
7630 Group User’s Manual
APPLICATION
2.11 Built-in PROM version
2.11.3 Programming adapter
To write or read data into/from the internal PROM, use the dedicated programming adapter and general-
purpose PROM programmer as shown in Table 2.11.2.
(1) Write and read
In PROM mode, operation is the same as that of the M5M27C101, but programming conditions of
PROM programmer are not set automatically because there are no internal device ID codes.
Accurately set the following conditions for data write/read. Take care not to apply 21 V to VPP pin,
or the product may be permanently damaged.
q Programming voltage : 12.5 V
q Setting of programming adapter switch : Refer to Table 2.11.3.
q Setting of PROM programmer address : Refer to Table 2.11.4.
(2) Erasing
Contents of the windowed EPROM are erased through an ultraviolet light source of the wavelength
2537 Angstrom. At least 15 W-sec/cm are required to erase EPROM contents.
Table 2.11.2 Programming adapter
Microcomputer
Programming adapter
M37630E4FS
PCA7431
M37630E4FP
PCA7430
(one-time blank)
Table 2.11.4 Setting of PROM programmer address
Microcomputer
PROM programmer start address
PROM programmer completion address
M37630E4FS
Address : C08016
Address : FFFB16
M37630E4FP
Table 2.11.3 Setting of programming adapter switch
Programming adapter
SW 1
SW 2
PCA7431, PCA7430
CMOS
CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com