Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 143Page - Renesas Technology Corp 7630 Datasheet HTML 144Page - Renesas Technology Corp 7630 Datasheet HTML 145Page - Renesas Technology Corp 7630 Datasheet HTML 146Page - Renesas Technology Corp 7630 Datasheet HTML 147Page - Renesas Technology Corp 7630 Datasheet HTML 148Page - Renesas Technology Corp 7630 Datasheet HTML 149Page - Renesas Technology Corp 7630 Datasheet HTML 150Page - Renesas Technology Corp 7630 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 238 page
background image
2-81
7630 Group User’s Manual
APPLICATION
2.5 Serial I/O
Fig. 2.5.20 Setting of related registers on transmitting side [Communication using UART]
b0
b7
USTS
UART status register [Address: 002316]
Transmission register empty flag :
This flag is set to “1” at transmit shift completed.
Check a completion of transmitting 1-word data with this flag.
Transmission buffer empty flag :
This flag is set to “1” at transfer data from the Transmit buffer
register to the Transmit shift register.
Check whether the next transmission data is writable to the
Transmit buffer register with this flag.
• Transmitting side
b0
b7
CPUM
CPU mode register [Address: 000016]
Internal system clock selection bit :
φ = f(XIN) divided by 2
(high-speed mode)
0
b0
b7
UMOD
UART mode register [Address: 002016]
0
Clock divider selection bits :
φ divided by 8
10
101
Stop bits selection bit : Two stop bits
Parity enable bit : Parity disabled
Word length selection bits : 8 bits
b0
b7
UCON
UART control register [Address: 002216]
0
Transmit enable bit : Transmit disabled
(Set this bit to “1” at starting communication.)
00
1
Receive enable bit : Receive disabled
Transmission initialization bit : Initialize the transmit enable bit and
transmit status register flags.
Receive initialization bit : No action
b0
b7
UBRG
UART baud rate generator [Address: 002116]
Set
3
Transfer bit rate ! 16 !
pV
φ
V The value p is decided by the Clock divider selection bits (bit 1 and bit 2
of the UART mode register [address: 002016]). Refer to Table 2.5.2.
– 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com