Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 203Page - Renesas Technology Corp 7630 Datasheet HTML 204Page - Renesas Technology Corp 7630 Datasheet HTML 205Page - Renesas Technology Corp 7630 Datasheet HTML 206Page - Renesas Technology Corp 7630 Datasheet HTML 207Page - Renesas Technology Corp 7630 Datasheet HTML 208Page - Renesas Technology Corp 7630 Datasheet HTML 209Page - Renesas Technology Corp 7630 Datasheet HTML 210Page - Renesas Technology Corp 7630 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 238 page
background image
3-36
7630 Group User’s Manual
APPENDIX
3.5 List of registers
Port P4 pull-up/down control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
2
3
4
5
6
7
Name
Port P4 pull-up/down control register (PUP4) [Address : 002C16]
0 : No pull-up/down
1 : Pull-up/down (Note)
0
1
0
P40 pull-up/down transistor
control bit
0
P41 pull-up/down transistor
control bit
0
P42 pull-up/down transistor
control bit
0
P43 pull-up/down transistor
control bit
0
P44 pull-up/down transistor
control bit
0
P45 pull-up/down transistor
control bit
0
P46 pull-up/down transistor
control bit
0
P47 pull-up/down transistor
control bit
0 : No pull-up/down
1 : Pull-up/down (Note)
0 : No pull-up/down
1 : Pull-up/down (Note)
0 : No pull-up/down
1 : Pull-up/down (Note)
0 : No pull-up/down
1 : Pull-up/down (Note)
0 : No pull-up/down
1 : Pull-up/down (Note)
0 : No pull-up/down
1 : Pull-up/down (Note)
0 : No pull-up/down
1 : Pull-up/down (Note)
Note: Enables the pull-transistor towards the passive polarity of key-on wake-up interrupt.
This level depends on the Key-on wake-up polarity control bit (bit 0 of the Polarity
control register [address: 002F16] ).
Interrupt polarity selection register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
Name
INT0 interrupt edge selection bit
(Note)
0
0
Interrupt polarity selection register (IPOL) [Address : 002D16]
0: Falling edge active
1: Rising edge active
0: Falling edge active
1: Rising edge active
Not used (“0” when read, don't write “1”.)
4
5
6
7
Not used (“0” when read, don't write “1”.)
0
0
INT1 interrupt edge selection bit
(Note)
Note: To use the external interrupt functions, the pull-up transistor corresponding to the
selected active level must be enabled by the corresponding pull-up transistor control
bits of the Port P1 pull-up control register).
0
0
0
0
Fig. 3.5.29 Structure of Port P4 pull-up/down control register
Fig. 3.5.30 Structure of Interrupt polarity selection register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com