Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 205Page - Renesas Technology Corp 7630 Datasheet HTML 206Page - Renesas Technology Corp 7630 Datasheet HTML 207Page - Renesas Technology Corp 7630 Datasheet HTML 208Page - Renesas Technology Corp 7630 Datasheet HTML 209Page - Renesas Technology Corp 7630 Datasheet HTML 210Page - Renesas Technology Corp 7630 Datasheet HTML 211Page - Renesas Technology Corp 7630 Datasheet HTML 212Page - Renesas Technology Corp 7630 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 238 page
background image
7630 Group User’s Manual
3-38
$33(1',;
3.5 List of registers
Fig. 3.5.33 Structure of CAN transmit control register (CTRM)
Fig. 3.5.34 Structure of CAN bus timing control register 1 (CBTCON1)
CAN transmit control register
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit control register (CTRM) [Address: 003016]
B
Name
Function1
Note 1: R0/R1 denote read access, W0/W1 denote write access.
At reset
R
W
0
Sleep control bit
0: CAN module in normal mode
0
O
O
1: CAN module in sleep mode
1
Reset/configuration control bit
0: CAN module in normal mode
1
O
O
1: CAN module in configuration mode
(plus reset when write)
2
Port double function control bit
0: P31/CTX serves as I/O port
0
O
O
1: P31/CTX serves as CTX output port
3
Transmit request bit
R0: No transmission requested
0
O
O
R1: Transmission requested
W0: No operation
W1: Request transmission
4
Reserved
“0” when read.
0
O
X
5
Transmit buffer control bit
R0: CPU access possible
0
O
O
R1: CPU access not possible
W0: No operation
W1: Lock transmit buffer
6
Reserved
“0” when read.
0
O
X
7
Transmit status bit
0: CAN module idle or receiving
0
O
X
1: CAN module transmitting
CAN bus timing control register 1
b7 b6 b5 b4 b3 b2 b1 b0
CAN bus timing control register 1 (CBTCON1) [Address: 003116]
B
Name
Function
At reset
R
W1
Note 1: Writing to this register is enabled in configuration mode only (refer to section 2.4.4).
0
Prescaler division ratio
selection bits
b3b2b1b0
0
O
O
0000: Divided by 1
1
0001: Divided by 2
0
O
O
0010: Divided by 3
2
…
0
O
O
1101: Divided by 14
3
1110: Divided by 15
0
O
O
1111: Divided by 16
4
Sampling control bit
0: One sample per bit
0
O
O
1: Three samples per bit
5
Propagation time duration
control bits
b7b6b5
0
O
O
000: One time quantum
6
001: Two time quanta
0
O
O
…
7
110: Seven time quanta
0
O
O
111: Eight time quanta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com