Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 211Page - Renesas Technology Corp 7630 Datasheet HTML 212Page - Renesas Technology Corp 7630 Datasheet HTML 213Page - Renesas Technology Corp 7630 Datasheet HTML 214Page - Renesas Technology Corp 7630 Datasheet HTML 215Page - Renesas Technology Corp 7630 Datasheet HTML 216Page - Renesas Technology Corp 7630 Datasheet HTML 217Page - Renesas Technology Corp 7630 Datasheet HTML 218Page - Renesas Technology Corp 7630 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 238 page
background image
7630 Group User’s Manual
3-44
$33(1',;
3.5 List of registers
Fig. 3.5.45 Structure of CAN acceptance mask register 4 (CAM4)
Fig. 3.5.46 Structure of CAN receive control register (CREC)
CAN acceptance mask register 4
b7 b6 b5 b4 b3 b2 b1 b0
CAN acceptance mask register 4 (CAM4) [Address: 003C16]
B
Name
Function
At reset
R
W1
Note 1: Writing to this register is enabled in configuration mode only (refer to section 2.4.4).
0
These bits must be set to "0".
?
O
O
1
?
O
O
2
Extended identifier mask bit 0
?
O
O
3
Extended identifier mask bit 1
?
O
O
4
Extended identifier mask bit 2
?
O
O
0: Mask identifier bit (don’t care)
5
Extended identifier mask bit 3
1: Compare identifier bit
?
O
O
These bits mask the corresponding bits
of the acceptance code register 4, Figure
3.5.40 from the acceptance filtering.
6
Extended identifier mask bit 4
?
O
O
7
Extended identifier mask bit 5
?
O
O
CAN receive control register
b7 b6 b5 b4 b3 b2 b1 b0
CAN receive control register (CREC) [Address: 003D16]
B
Name
Function1
Note 1: R0/R1 denote read access, W0/W1 denote write access.
At reset
R
W
0
Receive buffer control bit
R0: Receive buffer empty (undefined)
0
O
O
R1: Receive buffer full
W0: Release (clear) receive buffer
W1: No operation
1
Receive status bit
0: CAN module idle or transmitting
0
O
X
1: CAN module receiving
2
Reserved
When these bits are read out, the values
are "0". Don’t write to "1".
0
O
X
3
0
O
X
4
0
O
X
5
0
O
X
6
Auto-receive disable bit2
0: Auto-receive enabled
0
O
O
1: Auto-receive disabled
7
Reserved
When these bits are read out, the values
are "0". Don’t write to "1"
0
O
X
Note 2: Suppresses reception of self-initiated/transmitted frames; for details see section 2.4.8, (5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com