Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 213Page - Renesas Technology Corp 7630 Datasheet HTML 214Page - Renesas Technology Corp 7630 Datasheet HTML 215Page - Renesas Technology Corp 7630 Datasheet HTML 216Page - Renesas Technology Corp 7630 Datasheet HTML 217Page - Renesas Technology Corp 7630 Datasheet HTML 218Page - Renesas Technology Corp 7630 Datasheet HTML 219Page - Renesas Technology Corp 7630 Datasheet HTML 220Page - Renesas Technology Corp 7630 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 238 page
background image
7630 Group User’s Manual
3-46
$33(1',;
3.5 List of registers
Fig. 3.5.49 Structure of CAN transmit/receive buffer registers 1 (CTB1/CRB1)
Fig. 3.5.50 Structure of CAN transmit/receive buffer registers 2 (CTB2/CRB2)
CAN transmit/receive buffer registers 1
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit buffer register 1 (CTB1) [Address: 004116]
CAN receive buffer register 1 (CRB1) [Address: 005116]
B
Name
Function
At reset
R
W
0
IDE bit1
Note 1: Identifier extension bit
0: Standard format
?
O
O
1: Extended format
1
RTR2/SRR3 bit
Note 2: Remote transmission request bit
Note 3: Substitute remote request bit
RTR bit (frames of standard format) or
SRR bit (frames of extended format)
?
O
O
2
Standard identifier bit 0
For CTB1: These bits represent part of
the identifier field of a frame to be
transmitted.
For CRB1: These bits represent part of
the identifier field of a frame received.
?
O
O
3
Standard identifier bit 1
?
O
O
4
Standard identifier bit 2
?
O
O
5
Standard identifier bit 3
?
O
O
6
Standard identifier bit 4
?
O
O
7
Standard identifier bit 5
?
O
O
CAN transmit/receive buffer registers 2
b7 b6 b5 b4 b3 b2 b1 b0
CAN transmit buffer register 2 (CTB2) [Address: 004216]
CAN receive buffer register 2 (CRB2) [Address: 005216]
B
Name
Function
At reset
R
W
0
Extended identifier bit 14
For CTB2: These bits represent part of
the identifier field of a frame to be
transmitted.
For CRB2: These bits represent part of
the identifier field of a frame received.
?
O
O
1
Extended identifier bit 15
?
O
O
2
Extended identifier bit 16
?
O
O
3
Extended identifier bit 17
?
O
O
4
Not used
When these bits are read out, the values
are "0". Don’t write to "1".
0
O
X
5
0
O
X
6
0
O
X
7
0
O
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com