Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 216Page - Renesas Technology Corp 7630 Datasheet HTML 217Page - Renesas Technology Corp 7630 Datasheet HTML 218Page - Renesas Technology Corp 7630 Datasheet HTML 219Page - Renesas Technology Corp 7630 Datasheet HTML 220Page - Renesas Technology Corp 7630 Datasheet HTML 221Page - Renesas Technology Corp 7630 Datasheet HTML 222Page - Renesas Technology Corp 7630 Datasheet HTML 223Page - Renesas Technology Corp 7630 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 238 page
background image
3-49
7630 Group User’s Manual
APPENDIX
3.6 Mask ROM ordering method
GZZ-SH52-70B<84A0>
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37630M4T-XXXFP
MITSUBISHI ELECTRIC
Mask ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Specify the type of EPROMs submitted.
Three EPROMs are required for each pattern.
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based on this data.
We shall assume the responsibility for errors only if the mask ROM data on the products we produce differs from this
data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
Checksum code for entire EPROM
(hexadecimal notation)
In the address space of the microcomputer, the internal
ROM area is from address C08016 to FFFB16. The reset
vector is stored in addresses FFFA16 and FFFB16.
(1) Set the data in the unused area (the shaded area of
the diagram) to “FF16”.
(2) The ASCII codes of the product name “M37630M4T–”
must be entered in addresses 000016 to 000F16. And
set the data “FF16” in addresses 000A16 to 000F16.
The ASCII codes and addresses are listed to the right
in hexadecimal notation.
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘7’ = 3716
‘6’ = 3616
‘3’ = 3316
‘0’ = 3016
‘M’ = 4D16
‘4’ = 3416
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘T’ = 5416
‘–’ = 2D16
FF16
FF16
FF16
FF16
FF16
FF16
(1/2)
EPROM type (indicate the type used)
27512
EPROM address
000016
000F16
001016
C07F16
C08016
FFFB16
FFFC16
FFFF16
Product name
ASCII code :
‘M37630M4T-’
data
ROM (16K-132) bytes
3.6 Mask ROM ordering method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com