Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 223Page - Renesas Technology Corp 7630 Datasheet HTML 224Page - Renesas Technology Corp 7630 Datasheet HTML 225Page - Renesas Technology Corp 7630 Datasheet HTML 226Page - Renesas Technology Corp 7630 Datasheet HTML 227Page - Renesas Technology Corp 7630 Datasheet HTML 228Page - Renesas Technology Corp 7630 Datasheet HTML 229Page - Renesas Technology Corp 7630 Datasheet HTML 230Page - Renesas Technology Corp 7630 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 238 page
background image
APPENDIX
3.10 Machine instructions
3-56
7630 Group User’s Manual
Addressing mode
Symbol
Function
Details
IMP
IMM
A
BIT, A, R
ZP
BIT, ZP, R
OP n
# OP n
# OP n
# OP n
# OP n
#
OP n
#
Branches when the contents of overflow flag is
“0”.
Branches when the contents of overflow flag is
“1”.
Clears the contents of the bit specified in the
accumulator or memory to “0”.
Clears the contents of the carry flag to “0”.
Clears the contents of decimal mode flag to
“0”.
Clears the contents of interrupt disable flag to
“0”.
Clears the contents of index X mode flag to
“0”.
Clears the contents of overflow flag to “0”.
Compares the contents of accumulator and
memory.
Compares the contents of the memory speci-
fied by the addressing mode with the contents
of the address indicated by index register X.
Forms a one’s complement of the contents of
memory, and stores it into memory.
Compares the contents of index register X and
memory.
Compares the contents of index register Y and
memory.
Decrements the contents of the accumulator
or memory by 1.
Decrements the contents of index register X
by 1.
Decrements the contents of index register Y
by 1.
Divides the 16-bit data that is the contents of
M (zz + x + 1) for high byte and the contents of
M (zz + x) for low byte by the accumulator.
Stores the quotient in the accumulator and the
1’s complement of the remainder on the stack.
“Exclusive-ORs” the contents of accumulator
and memory. The results are stored in the ac-
cumulator.
“Exclusive-ORs” the contents of the memory
specified by the addressing mode and the
contents of the memory at the address indi-
cated by index register X. The results are
stored into the memory at the address indi-
cated by index register X.
Increments the contents of accumulator or
memory by 1.
Increments the contents of index register X by
1.
Increments the contents of index register Y by
1.
BVC
(Note 5)
BVS
(Note 5)
CLB
CLC
CLD
CLI
CLT
CLV
CMP
(Note 3)
COM
CPX
CPY
DEC
DEX
DEY
DIV
EOR
(Note 1)
INC
INX
INY
V = 0?
V = 1?
Ai or Mi
← 0
C
← 0
D
← 0
I
← 0
T
← 0
V
← 0
When T = 0
A – M
When T = 1
M(X) – M
M
← M
X – M
Y – M
A
← A – 1 or
M
← M – 1
X
← X – 1
Y
← Y – 1
A
← (M(zz + X + 1),
M(zz + X)) / A
M(S)
← 1’s complememt
of Remainder
S
← S – 1
When T = 0
A
← A V– M
When T = 1
M(X)
← M(X) V– M
A
← A + 1 or
M
← M + 1
X
← X + 1
Y
← Y + 1
18
D8
58
12
B8
CA
88
E8
C8
1
1
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
C9
E0
C0
49
2
2
2
2
2
2
2
2
1A
3A
1
1
1
1
1B
+
20i
C5
44
E4
C4
C6
45
E6
3
5
3
3
5
3
5
2
2
2
2
2
2
2
1F
+
20i
11
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com