Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 225Page - Renesas Technology Corp 7630 Datasheet HTML 226Page - Renesas Technology Corp 7630 Datasheet HTML 227Page - Renesas Technology Corp 7630 Datasheet HTML 228Page - Renesas Technology Corp 7630 Datasheet HTML 229Page - Renesas Technology Corp 7630 Datasheet HTML 230Page - Renesas Technology Corp 7630 Datasheet HTML 231Page - Renesas Technology Corp 7630 Datasheet HTML 232Page - Renesas Technology Corp 7630 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 238 page
background image
APPENDIX
3.10 Machine instructions
3-58
7630 Group User’s Manual
Addressing mode
Symbol
Function
Details
IMP
IMM
A
BIT, A, R
ZP
BIT, ZP, R
OP n
# OP n
# OP n
# OP n
# OP n
#
OP n
#
Jumps to the specified address.
After storing contents of program counter in
stack, and jumps to the specified address.
Load accumulator with contents of memory.
Load memory indicated by index register X
with contents of memory specified by the ad-
dressing mode.
Load memory with immediate value.
Load index register X with contents of
memory.
Load index register Y with contents of
memory.
Shift the contents of accumulator or memory
to the right by one bit.
The low order bit of accumulator or memory is
stored in carry, 7th bit is cleared.
Multiplies the accumulator with the contents of
memory specified by the zero page X address-
ing mode and stores the high byte of the result
on the stack and the low byte in the accumula-
tor.
No operation.
“Logical OR’s” the contents of memory and ac-
cumulator.
The
result
is
stored
in
the
accumulator.
“Logical OR’s” the contents of memory indi-
cated by index register X and contents of
memory specified by the addressing mode.
The result is stored in the memory specified by
index register X.
JMP
JSR
LDA
(Note 2)
LDM
LDX
LDY
LSR
MUL
NOP
ORA
(Note 1)
If addressing mode is ABS
PCL
← ADL
PCH
← ADH
If addressing mode is IND
PCL
← M (ADH, ADL)
PCH
← M (ADH, ADL + 1)
If addressing mode is ZP, IND
PCL
← M(00, ADL)
PCH
← M(00, ADL + 1)
M(S)
← PCH
S
← S – 1
M(S)
← PCL
S
← S – 1
After executing the above,
if addressing mode is ABS,
PCL
← ADL
PCH
← ADH
if addressing mode is SP,
PCL
← ADL
PCH
← FF
If addressing mode is ZP, IND,
PCL
← M(00, ADL)
PCH
← M(00, ADL + 1)
When T = 0
A
← M
When T = 1
M(X)
← M
M
← nn
X
← M
Y
← M
M(S) · A
← A ! M(zz + X)
S
← S – 1
PC
← PC + 1
When T = 0
A
← A V M
When T = 1
M(X)
← M(X) V M
A9
A2
A0
09
4A 1
1
A5
3C
A6
A4
46
05
3
4
3
3
5
3
2
3
2
2
2
2
EA 1
1
2
2
2
2
2
2
2
2
7
0
0
→
→C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com